Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 50Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 51Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 52Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
2006-01-27
92FD54AI-52
TMP92FD54AI
(7) Boot program general flowchart
Figure 4.3.6 shows an overall flowchart for the boot program.
Figure 4.3.6 Overall flowchart for boot program
Initialize
Single boot
program starts
Enter SIO Operation
Mode data
Prepare to enter
operation command
ACK response data
← ACK response data &
UART
Receive routine Enter
operation command data
Received
normally
Receive
error?
RAM
transfer?
ACK response data
← received data (10H)
Transmission routine
(Send 10H:OK)
YES (10h)
RAM transfer
processing
Processed
normally?
Jump to RAM
Processed normally
ACK response data
← ACK response data
0x08
Transmission routine
(Send x8H:
Receive error)
SUM?
Operation
command error
YES (20h)
ACK response data
← Received data (20H)
ACK response data
← ACK response data | 0x01
Transmission routine
(Send 20H:OK)
Transmission routine
(Send x1H: Command error)
SUM processing
Error
Product
information read?
YES (30h)
ACK response data
← Received data (30H)
Transmission routine
(Send 30H: OK)
Product Information
Read processing
Baud rate
setting?
Set UART Mode and
set baud rate
ACK response data
← received data (86HUART)
(Send 86H)
Normal response
Stop operation
Cannot be set
Can be set
Erase?
YES (40h)
ACK response data
← Received data (40H)
Transmission routine
(Send 40H: OK)
Auto Chip ERASE &
UnProtect processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com