Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 11Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 12Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 13Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
2006-01-27
92FD54AI-10
TMP92FD54AI
4. Functional Description
This section describes the hardware configuration of the TMP92FD54AI and how it
operates. This device is a modified version of the TMP92CD54I with an internal
512K-byte flash memory instead of an internal 512K-byte Mask ROM. These internal
RAM are same size, 32K-byte. In all other respects the hardware configuration and the
functionality of the TMP92FD54AI are identical to those of the TMP92CD54I.
4.1
Flash Memory
4.1.1
Features
1) Memory capacity
TMP92FD54AI contains a 4-Mbit (512K-byte) flash memory. This flash memory
consists of 10 blocks (64 K-bytes × 6 blocks, 56 K-bytes × 2 blocks, 8 K-bytes × 2
blocks), each of which can be independently protected from being programmed or
erased. The CPU accesses the flash memory using a 32-bit wide data bus. A writer
rewrites the flash memory in units of 16 bits.
2) Flash memory access
Interleaved access (2-1-1-1-clock access)
3) Program/erase time
Programming time (including Verify):6 seconds per chip (typ.)
30 µs per long word (typ.)
Erase time (including Verify)
12 seconds per chip (typ.)
Note: The above values are typical times and do not include data transfer time.
The actual time per chip varies according to the method used by the user to perform
rewriting.
4) Programming methods
On-board programming mode, in which the memory can be rewritten while
mounted on the user PCB.
• On-board programming mode
1) User Boot M ode
Supports user-defined rewriting methods.
2) Single B oot M ode
Supports rewriting by serial transfer
(unique to Toshiba).
5) Rewriting method
With a few exceptions, the functions of the device’s internal flash memory conform
to JEDEC standards. Therefore, even if the user system uses flash memory as
external memory, it can easily be adapted to use this LSI. Furthermore, since the
device’s flash memory has built-in circuits which can automatically write to the
flash memory and erase the chip, the user does not have to code a program to
perform the program and erase operations.
The Block Protect function, which inhibits writing to or erasing the flash memory,
only supports software protection (i.e. protection by a command setting), and does
not support hardware protection (i.e. protection by the application of a voltage of
12 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com