Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
2006-01-27
92FD54AI-34
TMP92FD54AI
Table 4.3.5 Boot program transfer format (for reading product information) (1/2)
Number of
bytes
transferred
Data transferred from the
controller to the device
Baud rate
Data transferred from the device to
the controller
BOOT ROM 1st byte
Serial operation mode and baud rate
settings
For UART
86H
⎯
2nd byte
⎯
Desired baud
rate (Table
4.3.1(a))
ACK response for Serial Operation Mode
For UART
If normal (can be set)
86H
(If the device determines that the baud
rate cannot be set, it will stop operating.)
3rd byte
Operation command data
(30H)
⎯
4th byte
⎯
ACK response for operation command *1
If normal
30H
If abnormal
X1H
If communication error occurs
X8H
5th byte
⎯
Flash memory data (address 08FEF0H)
6th byte
⎯
Flash memory data (address 08FEF1H)
7th byte
⎯
Flash memory data (address 08FEF2H)
8th byte
⎯
Flash memory data (address 08FEF3H)
9th byte
∼
20th byte
⎯
Product name (ASCII code, 12 bytes)
“TMP92FD54AI ” beginning at the 9th byte
21st byte
∼
24th byte
⎯
Password comparison start address (4 bytes)
F4H, FEH, 08H and 00H beginning at the 21st
byte
25th byte
∼
28th byte
⎯
RAM start address (4 bytes)
00H, 04H, 00H and 00H beginning at the 25th
byte
29th byte
∼
32nd byte
⎯
RAM user area end address (8 bytes)
FFH, 6BH, 00H and 00H beginning at the 29th
byte
33rd byte
∼
36th byte
⎯
RAM end address (4 bytes)
FFH, 83H, 00H and 00H beginning at the 33rd
byte
37th byte
∼
44th byte
⎯
Dummy data (8 bytes)
00H, 00H, 00H and 00H
00H, 00H, 00H and 00H
45th byte
∼
46th byte
⎯
Dummy data (2 bytes)
00H and 03H beginning at the 45th byte
47th byte
∼
50th byte
⎯
Flash memory start address (4 bytes)
00H, 00H, 01H and 00H beginning at the 47th
byte
51st byte
∼
54th byte
⎯
Flash memory end address (4 bytes)
FFH, FFH, 08H and 00H beginning at the 51st
byte
55th byte
∼
56th byte
⎯
Flash memory block divisions information
(2 bytes)
0AH and 00H beginning at the 55th byte
57th byte
∼
60th byte
⎯
Start address of flash memory block of the
same size (4 bytes)
00H, 00H, 01H and 00H beginning at the 57th
byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com