Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 74Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 75Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 77Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 78Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 79Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 80Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 81Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
2006-01-27
92FD54AI-78
TMP92FD54AI
5.8 Serial bus interface
5.8 Serial bus interface
I2CBUS-AC-SPEC TABLE
MIN
MAX
MIN
MAX
MIN
MAX
1 SCL clock frequency
fscl
KHz
0
400
0
100
0
fc/(2
n+8)
2
Hold time (repeated) START condition.
After this period, the first clock pulse is generated.
t
HD;STA
ns
650
-
4500
-
2
n-1/fc
-
3 LOW period of the SCL clock
t
LOW
ns
1300
-
4700
-
2
n-1/fc
-
4 HIGH period of the SCL clock
t
HIGH
ns
600
-
4000
-
(2
n-1+8)/fc
-
5 Set-up time for a repeated START condition
t
SU;STA
ns
6
Data hold time:
for CBUS compatible masters for I2C-bus devices
t
HD;DAT
ns
0
900
0
3450
0
6/fc
7 Data set-up time
t
SU;DAT
ns
100
-
250
-
(2
n-1-6)/fc
-
7’
Data set-up time
(The case in the first bit after transfer )
t
SU;1stDAT ↑
↑↑↑↑
(2
n-1-12)/fc
-
8
Rise time of both SDA and ACL signals (*1)
t
r
ns
-
300
(receive)
-
1000
(receive)
-
9 Fall time of both SDA and ACL signals
tf
ns
-
300
-
300
-
10 Set-up time for STOP condition
t
SU;STO
ns
950
-
4200
-
(2
n-1+12)/fc
-
11
Bus free time between a STOP and START
condition
t
BUF
ns
12 Capacitive load for each cus line
Cb
pF
400
400
400
13
Noise margin at the LOW level for each connected
device (including hysteresis)
VnL
v
0.2VDD5
-0.2VDD5
-0.2VDD5
-
14
Noise margin at the HIGH level for each connected
device (including hysteresis)
VnH
v
0.2VDD5
-0.2VDD5
-
0.2VDD5
-
15
Pulse width of spikes which must be
suppressed by the input filter
tsp
ns
0
50
n/a
n/a
n/a
n/a
Note
1 All values referred to VIHmin and VILmax levels.
(fc=20MHz)
No
PARAMETER
SYMBOL UNIT
(fc=System clock)
by software
by software
400KHz
100KHz
Existing rate
by software
by software
by software
by software
SDA
SCL
LOW
t
f
t
HD:STA
t
HD:DAT
t
r
t
SU:DAT
t
f
t
HIGH
t
SU:STA
t
HD:STA
t
SP
t
SU:STO
t
r
t
BUF
t
S
Sr
P
S
S : Start P :Stop
Sr : ReStart
SU:1stDAT
t
I2BUS CLK AC SPEC :
Tr (Transmitter selection )
Vih
SCLK
T-Low
Tr
T-High
SCK(0001 - 0110)
2*(n-1)/fc
(2*(n-1)+8)/fc
SCK(1111) :100KHz
100/fc
100/fc
SCK(1000) :400KHz
32/fc
18/fc
Tr
0 to 2/fc
2/fc to 4/fc
4/fc to 6/fc
6/fc to 8/fc
8/fc to 10/fc ….
SCK(0001 - 0110)
T-R
0
4/fc
8/fc
….
SCK(1111) :100KHz
T-R
0
4/fc
8/fc
….
SCK(1000) :400KHz
T-R
0
2/fc
4/fc
6/fc
8/fc
….
T-period = T-Low + T-R + T-High
Example:in the case of
fc=20MHz,
SCK3,2,1,0=(0001), Tr=200ns
1) Tr=200ns
so T-R=4/fc
2) T-period = 2*(n-1)/fc + 4/fc + (2*(n-1)+8)/fc
=76/fc =3.8us
*1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com