Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 45Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 46Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
2006-01-27
92FD54AI-46
TMP92FD54AI
5) ACK response data
The boot program notifies the controller of the processing status by sending various
codes. Table 4.3.8 to Table 4.3.101 show the ACK response data returned by the device
for each item of received data. The four high-order bits of the ACK response data are a
direct reflection of the four high-order bits of the operation command data. Bit 3
indicates a Receive error, and bit 0 indicates an Operation Command error,
CHECKSUM error or Password Error. Bits 1 and 2 are always 0.
Table 4.3.8 ACK response data to data for determining the serial operation mode
Returned Data
Meaning of Data Returned by the Device
86H
It is found that device can communicate in UART Mode.
Table 4.3.9 ACK response data to operation command data
Returned Data
Meaning of Data Returned by the Device
x8H *1
A Receive error occurred in the operation command data.
x1H *1
Undefined operation command data was received normally.
10H
Data was found to be a RAM Transfer command.
20H
Data was found to be a Flash Memory SUM command.
30H
Data was found to be a Product Information Read command.
40H
Data was found to be an Auto Chip Erase & UnProtect command.
*1: The four high-order bits are a direct reflection of the four high-order bits of the
immediately preceding operation command data.
Table 4.3.10 ACK response data to CHECKSUM data
Returned Data
Meaning of Data Returned by the Device
18H
An error had occurred in the received data.
11H
A CHECKSUM error or password error occurred.
10H
The CHECKSUM was found to be the correct value.
Table 4.3.11 ACK response data to Auto Chip Erase & UnProtect data
Returned Data
Meaning of Data Returned by the Device
4FH
The erase operation has terminated normally
4CH
The erase error occurred.
B1H
Reconfirmation of erase operation
B4H
Reconfirmation of erase error operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com