Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TMP92FD54AI Datasheet HTML 1Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 2Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 3Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 4Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 5Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2006-01-27
92FD54AI-2
TMP92FD54AI
(3) External memory expansion
16M-byte linear address space (memory mapped I/O)
External data bus : 8bit(for external I/O expansion)
* Can’t use upper address bus when built-in I/Os are selected
(4) Memory controller (MEMC)
Chip select output : 1 channel
(5) 8-bit timer : 8 channels
8-bit interval timer mode (8 channels)
16-bit interval timer mode (4 channels)
8-bit programmable pulse generation (PPG) output mode (4 channels)
8-bit pulse width modulation (PWM) output mode (4 channels)
(6) 16-bit timer : 2 channels
16-bit interval timer mode
16-bit event counter mode
16-bit programmable pulse generation (PPG) output mode
Frequency measurement mode
Pulse width measurement mode
Time differential measurement mode
(7) Serial interface (SIO) : 2 channels
I/O interface mode
Universal asynchronous receiver transmitter (UART) mode
(8) Serial expansion interface (SEI) : 1 channel
Baud rate 4/2/0.5Mbps at fc=20MHz.
(9) Serial bus interface (SBI) : 3 channels
Clocked-synchronous 8-bit serial interface mode
I2C bus mode
(10) CAN controller : 1channel
Supports CAN version 2.0B.
16 mailboxes
(11) 10-bit A/D converter (ADC) : 12 channels
A/D conversion time 8µsec @fc=20MHz.
Total tolerance +/- 3LSB (excluding quantization error)
Scan mode for all 12channels
(12) Watch dog timer (WDT)
(13) Timer for real-time clock (RTC)
Can operate with only low frequency oscillator.
(14) Interrupt controller (INTC) : 60 interrupt sources
9 interrupts from CPU
42 internal interrupt vectors
9 external interrupt vectors
(15) I/O Port : 68pins
(16) Standby mode
Four modes : IDLE3,IDLE2,IDLE1 and STOP
STOP mode can be released by 9 external inputs.
(17) Internal voltage detection flag (RAMSTB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com