Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 25Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 26Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 27Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 28Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
2006-01-27
92FD54AI-29
TMP92FD54AI
(1) Typical connection scheme for Single Boot Mode
In Single Boot Mode the flash memory is rewritten by means of a serial transfer.
Therefore on-board programming is carried out by connecting the device’s SIO
(Channel1) and the controller (the programming tool) and sending commands from the
controller to the target board. Figure 4.3.1 shows an example connection scheme for a
programming controller and a target board.
Figure 4.3.1 Example of connection board and external controller in Single Boot Mode
(with communication via UART)
Reg.
ROM
RAM
Mode
Control
for
prog.
controller
VCC (5 V)
VCC
Mode
Control
for
MCU
MCU
RS232C
PC
Supply
Voltage
DVCC (5 V)
AM1 (78 pin)
DVcc (3.3 V)
RESET
(79 pin)
AM0 (80 pin)
RESET
AM0
Boot
Mode
Selection
Circuit
RXD1 (8 pin)
TXD1 (9 pin)
TEST1 (71 pin)
TEST0 (76 pin)
DVSS
RX
TX
VSS
VCC
Note) Programming controller
Target board
Reg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com