Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TMP92FD54AI Datasheet HTML 1Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 2Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 3Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 4Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 5Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
2006-01-27
92FD54AI-1
TMP92FD54AI
CMOS 32-bit Micro-controller
TMP92FD54AIF
1. Outline and Device Characteristics
TMP92FD54AI is high-speed advanced 32-bit micro-controller developed for controlling
equipment which processes mass data.
TMP92FD54AI is a micro-controller which has a high-performance CPU (900/H1 CPU) and
various built-in I/Os. TMP92FD54AI is housed in a 100-pin mini flat package.
Device characteristics are as follows:
(1) CPU : 32-bit CPU(900/H1 CPU)
Compatible with TLCS-900,900/L,900/L1,900/H,900/H2’s instruction code
16Mbytes of linear address space
General-purpose register and register banks
Micro DMA : 8channels (250ns / 4bytes at fc = 20MHz, best case)
Minimum instruction execution time : 50ns(at 20MHz)
Internal data bus : 32-bit
(2) Internal memory
Internal RAM : 32K-byte
Internal ROM : 512K-byte Flash E2PROM
3K-byte Mask ROM (for Flash boot mode)


Similar Part No. - TMP92FD54AI

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TMP92-12 TRUMPOWER-TMP92-12 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TMP92-12-2R TRUMPOWER-TMP92-12-2R Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TMP92-18 TRUMPOWER-TMP92-18 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TMP92-18-2R TRUMPOWER-TMP92-18-2R Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
More results

Similar Description - TMP92FD54AI

ManufacturerPart #DatasheetDescription
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
32-Bit ARM7TDMI-Based Micro-Controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
32 Bit RISC Micro Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
32-bit Micro-controller
logo
Winbond
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
Epson Company
S1C33A01 EPSON-S1C33A01 Datasheet
148Kb / 5P
CMOS 32-bit Application Specific Controller
S1C33E07 EPSON-S1C33E07 Datasheet
344Kb / 6P
CMOS 32-bit Application Specific Controller
S1C33L15 EPSON-S1C33L15 Datasheet
178Kb / 6P
CMOS 32-bit Application Specific Controller
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
CMOS 32-bit Application Specific Controller
S1C33L26 EPSON-S1C33L26 Datasheet
190Kb / 7P
CMOS 32-bit Application Specific Controller
S1C33L27 EPSON-S1C33L27 Datasheet
164Kb / 7P
CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com