Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 28Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
2006-01-27
92FD54AI-32
TMP92FD54AI
Table 4.3.3 Single Boot program transfer format (for RAM transfer)
Number of
bytes
transferred
Data transferred from the
controller to the device
Baud rate
Data transferred from the device to
the controller
BOOT ROM 1st byte
Serial operation mode and baud rate
settings
For UART
86H
Desired baud
rate (Table
4.3.1(a))
⎯
2nd byte
⎯
ACK response for Serial Operation Mode
For UART
If normal (can be set)
86H
(If the device determines that the baud
rate cannot be set, it will stop operating.)
3rd byte
Operation command data
(10H)
⎯
4rth byte
⎯
ACK response for operation command *1
If normal
10H
If abnormal
× 1H
If communications error occurs
× 8H
5th byte
∼
16th byte
PASSWORD data (12 bytes)
(08FEF4H to 08FEFFH)
⎯
17th byte
CHECKSUM value for bytes 5 to 16
⎯
18th byte
⎯
ACK response to CHECKSUM value *1
If normal
10H
If abnormal
11H
If communications error occurs
18H
19th byte
RAM storage start address 31 to 24
⎯
20th byte
RAM storage start address 23 to 16
⎯
21st byte
RAM storage start address 15 to 8
⎯
22nd byte
RAM storage start address 7 to 0
⎯
23rd byte
RAM storage bytes 15 to 8
⎯
24th byte
RAM storage bytes 7 to 0
⎯
25th byte
CHECKSUM value for bytes 19 to 24
⎯
26th byte
⎯
ACK response for CHECKSUM value *1
If normal
10H
If abnormal
11H
If communications error occurs
18H
27th byte
∼
mth byte
RAM storage data
⎯
(m + 1) th byte
CHECKSUM value for bytes 27 to m
⎯
(m + 2) th byte
⎯
ACK response for CHECKSUM value *1
If normal
10H
If abnormal
11H
If communications error occurs
18H
RAM
(m + 3) th byte
⎯
JUMP RAM storage start address
*1: After returning an abnormal response the device waits for the operation command (third byte). In I/O
Interface Mode this ACK response is not generated.
*2: Write your program so that the data in bytes 19
to 25 is stored within the RAM address area 000400H to
0083FFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com