Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 65Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 66Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 67Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 68Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 69Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 70Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 71Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 72Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
2006-01-27
92FD54AI-69
TMP92FD54AI
5.2
DC Electrical Characteristics
Vcc5 =4.5V to 5.25V / fc = 16 to 20MHz / Ta = -40 to 85 degree C
Parameter
Symbol
Condition
Min
Max
Unit
Supply Voltage
VCC5
4.5
5.25
V
Input Low Voltage
P00 to P07(D0 to 7)
PG0 to PG7
PL0 to PL3
VIL0
-0.3
0.8
V
Input Low Voltage
P00 to P07(PORT)
P40 to P47
VIL1
-0.3
0.3*VCC5
V
Input Low Voltage
INT0
NMI
RESET
P70,P71,P73toP75
PC0 to PC5
PD0 to PD7
PF0 to PF7
PM0 to PM4
VIL2
-0.3
0.25*VCC5
V
P72, PN0 to PN6
VIL6
-0.3
0.3*VCC5
V
Input Low Voltage
AM0 to AM1
TEST0 to TEST1
VIL3
-0.3
0.3
V
Input Low Voltage
X1, XT1 (Crystal)
VIL4
* Vcc3 = 3.3V
-0.3
0.2*VCC3
V
Input Low Voltage
XT1 (CR)
VIL5
* Vcc3 = 3.3V
-0.3
0.2*VCC3
V
Input High Voltage
P00 to P07(D0 to 7)
PG0 to PG7
PL0 to PL3
VIH0
2.2
VCC5+0.3
V
Input High Voltage
P00 to P07
P40 to P47
VIH1
0.7*VCC5
VCC5+0.3
V
Input High Voltage
INT0
NMI
RESET
P70,P71,P73toP75
PC0 to PC5
PD0 to PD7
PF0 to PF7
PM0 to PM4
VIH2
0.75*VCC5
VCC5+0.3
V
P72, PN0 to PN6
VIH6
0.7*VCC5
VCC5+0.3
V
Input High Voltage
AM0 to AM1
TEST0 to TEST1
VIH3
VCC5-0.3
VCC5+0.3
V
Input High Voltage
X1, XT1 (Crystal)
VIH4
* Vcc3 = 3.3V
0.8*VCC3
VCC3+0.3
V
Input High Voltage
XT1 (CR)
VIH5
* Vcc3 = 3.3V
0.7*VCC3
VCC3+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com