Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 73Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 74Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 75Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 77Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 78Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 79Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 80Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
2006-01-27
92FD54AI-77
TMP92FD54AI
(3) SCLK Input mode (UART mode) (Preliminary)
Variable
20MHz
16MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
SCLK Cycle
TSCY
4T + 20
220
270
SCLK Low level Pulse width
TSCYL
2T + 5
105
130
SCLK High level Pulse width
TSCYH
2T + 5
105
130
ns
5.7 Interrupt Operation
Variable
20MHz
16MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
NMI,INT0 Low Width
TINTAL
4T
200
250
NMI,INT0 High Width
TINTAH
4T
200
250
WUINT0 to WUINT7,
INT1 to INT7 Low Width
TINTBL
8T+100
500
600
WUINT0 to WUINT7,
INT1 to INT7 High Width
TINTBH
8T+100
500
600
ns
SCL
OUTPUT DATA
TxD
tHSR
VALID
VALID
tSRD
1
0
tOHS
tSCY
tOSS
INPUT DATA
RxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com