Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 3Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 4Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 5Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
2006-01-27
92FD54AI-7
TMP92FD54AI
Pin name
Pin
number
Number
of pins
In/Out
Function
PD4
TIA
INT7
A20
WUINT4
45th
1
in/out
in
in
out
in
Port D4: I/O port.
Timer input A: Input pin for timer A
Interrupt request pin 7: Interrupt request pin with programmable rising/falling
edge.
Address: Address bus 20.
Wake up input 4: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PD5
TIB
A21
WUINT5
46th
1
in/out
in
out
in
Port D5: I/O port.
Timer input B: Input pin for timer B.
Address: Address bus 21.
Wake up input 5: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PD6
TOA
A22
WUINT6
47th
1
in/out
out
out
in
Port D6: I/O port.
Timer output A: Output pin for timer A.
Address: Address bus 22.
Wake up input 6: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PD7
TOB
A23
WUINT7
48th
1
in/out
out
out
in
Port D7: I/O port.
Timer output B: Output pin for timer B.
Address: Address bus 23.
Wake up input 7: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PF0
TXD0
12th
1
in/out
out
Port F0: I/O port.
Serial interface channel 0: Transmission data.
PF1
RXD0
11th
1
in/out
in
Port F1: I/O port.
Serial interface channel 0: Receive data.
PF2
SCLK0
CTS0
10th
1
in/out
in/out
in
Port F2: I/O port.
Serial interface channel 0: Clock input/output.
Serial interface channel 0: Data ready to send. (Clear-to-send)
PF3
TXD1
9th
1
in/out
out
Port F3: I/O port.
Serial interface channel 1: Transmission data.
PF4
RXD1
8th
1
in/out
in
Port F4: I/O port.
Serial interface channel 1: Receive data.
PF5
SCLK1
CTS1
7th
1
in/out
in/out
in
Port F5: I/O port.
Serial interface channel 1: Clock input/output.
Serial interface channel 1: Data ready to send. (Clear-to-send)
PF6
TX
6th
1
in/out
out
Port F6: I/O port.
CAN: Transmission data.
PF7
RX
5th
1
in/out
in
Port F7: I/O port.
CAN: Receive data.
PG0..PG7
AN0..AN7 89
th
…96th
8
in
in
Port G: Input-only port.
Analog input 0 to 7: AD converter input pins.
PL0..PL3
AN8..AN1
1
97th...100th
4
in
in
Port L0 to L3: Input-only port.
Analog input 8 to 11: AD converter input pins.
PM0
SS
A8
16th
1
in/out
in
out
Port M0: I/O port.
SEI: Slave select input.
Address: Address bus 8.
PM1
MOSI
A9
17th
1
in/out
in/out
out
Port M1: I/O port.
SEI: Master output, slave input.
Address: Address bus 9.
PM2
MISO
A10
18th
1
in/out
in/out
out
Port M2: I/O port.
SEI: Master input, slave output.
Address: Address bus 10.
PM3
SECLK
A11
19th
1
in/out
in/out
out
Port M3: I/O port.
SEI: Clock input/output.
Address: Address bus 11.
PM4
SCK2
14th
1
in/out
in/out
Port M4: I/O port.
SBI channel 2: Clock input/output at SIO mode.
PN0
SCK0
59th
1
in/out
in/out
Port N0: I/O port.
SBI channel 0: Clock input/output at SIO mode.
INT7
WUINT4
WUINT5
WUINT6
WUINT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com