Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 64Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 65Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 66Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 67Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 68Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 69Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 70Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 71Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
2006-01-27
92FD54AI-68
TMP92FD54AI
5. Electrical Characteristics
5.1
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VCC5
-0.5 to 6.0
V
Input Voltage
VIN
-0.5 to VCC5+0.5
V
Output Current(total)
ΣIOL
100
mA
Output Current(total)
ΣIOH
-100
mA
Power Dissipation(Ta=85degree C)
PD
600
mW
Soldering Temperature(10s)
TSOLDER
260
degree C
Storage Temperature
TSTG
-65 to 150
degree C
Operation Temperature
-40 to 85
Operation Temperature
(Flash Program / Erase)
TOPR
0 to 70
degree C
The number of write erase cycles
NEW
100
Cycle
Note:
The absolute maximum ratings are rated values that must not be exceeded during
operation, even for an instant. Any one of the ratings must not be exceeded. If any
absolute maximum rating is exceeded, a device may break down or its performance may
be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products that include this device, ensure that no absolute maximum rating value
will ever be exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com