Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 67Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 68Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 69Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 70Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 71Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 72Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 73Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 74Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
2006-01-27
92FD54AI-71
TMP92FD54AI
Vcc5 =4.5V to 5.25V / fc = 16 to 20MHz / Ta = -40 to 85 degree C
Flash Single-boot Mode
( Ta=0 to 70 degree C during programming or erasing of flash memory)
Parameter
Symbol
Condition
Min
Max
Unit
Mean operating current
(during reading)
IDDO1
80
100
mA
Mean operating current
(during programming)
IDDO2
―
100
mA
Mean operating current
(during erasing)
IDDO3
fc = 20 MHz
―
110
mA
Standby current
IDDS
VCC5=5.25V, Ta = -40 to 85 degree C
VCC5=5.25V, Ta = -10 to 55 degree C
―
200
120
uA
Note: Precautions when programming/erasing flash memory
1)
In On-Board Programming Mode (Single-Boot Mode or User Boot Mode), inhibit all interrupts including NMI
to allow the highest priority for program/erase operations.
2)
To rewrite data in already programmed addresses, execute an Auto Erase before executing Auto Program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com