Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 60Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 61Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 62Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 63Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 64Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
92FD54AI-61
2006-01-27
TMP92FD54AI
(4) Command sequence list
Table 4.4.3 Flash memory access by internal CPU
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Read/Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Command
Sequence
Number
of Bus
Cycles
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Read/Reset
1 xXXX0H
F0H
Read/Reset
3 xAAA8H
AAH
x5554H
55H
xAAA8H
F0H
RA
RD
Auto Program
4 xAAA8H
AAH
x5554H
55H
xAAA8H
A0H
PA
PD
Auto Chip Erase
6 xAAA8H
AAH
x5554H
55H
xAAA8H
80H
xAAA8H
AAH
x5554H
55H
xAAA8H
10H
Auto Block Erase
6 xAAA8H
AAH
x5554H
55H
xAAA8H
80H
xAAA8H
AAH
x5554H
55H
BA
30H
Auto Block Protect
6 xAAA8H
AAH
x5554H
55H
xAAA8H
9AH
xAAA8H
AAH
x5554H
55H
BA
70H
Verify Block Protect
4 xAAA8H
AAH
x5554H
55H
xAAA8H
90H
BPA
BD
Auto Chip Erase &
Unprotect *1
6
xAAA8H
AAH
x5554H
55H
xAAA8H
80H
xAAA8H
AAH
x5554H
55H
xAAA8H
10H
Note: There must be an interval of at least two instructions between each Bus Cycle.
*1 When this command is operated, be sure to set FSWE.
The addresses to be accessed from the CPU are shown below.
Table 4.4.4 Relationship between addresses
Command
Address
CPU Addresses: A23 to A0
Addr.
A23
∼ A16 A15 A14 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0000H
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AAA8H
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
0
5554H
Flash
memory
address
area
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
(5) Additional explanation
• F0H, AAH, 55H, A0H, 80H, 10H, 30H: Command data. Write data in units of bytes.
• RA: Read address
RD: Read data output
• PA: Program address
PD: Program data input
• BA: Block address (BA0~BA6)
• BPA: Verify Block Protect
address
• BD: Block Protect data
Write data to addresses which are divisible by 4 in
units of long word
Please refer to part 8), entitled
Verify Block Protect,
on page 58 of Section 3.4.1 (3),
Basic operation.
If the block is protected, the data 0x0000_0001
will be returned; if it is not protected, the data
0x0000_0000 will be returned.
Please refer to Table 4.4., Block Erase addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com