Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 72Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 73Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 74Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 75Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 77Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 78Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 79Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
2006-01-27
92FD54AI-76
TMP92FD54AI
5.4 AD Conversion Characteristics
Symbol
Parameter
Min
Typ
MAX
Unit
VREFH
Analog reference voltage(+)
VCC5-0.2
VCC5
VCC5
VREFL
Analog reference voltage(-)
VSS5
VSS5
VSS5
AVCC
AD Converter Power Supply Voltage
VCC5-0.2
VCC5
VCC5
AVSS
AD Converter Ground
VSS5
VSS5
VSS5
AVIN
Analog Input Voltage
VREFL
VREFH
V
Analog Current for analog reference voltage
<VREFON>=1
0.8
1.2
mA
IREF
<VREFON>=0
0.02
5
uA
ET
Total error
(excluding quantize error)
±3.0
LSB
Note) “LSB” is the UNIT which means the resolution of AD CONVERTER. (+/- 3 LSB = 3 * VCC/1024 = +/-15mV)
5.5 Event Counter (TI0, TI4, TI8, TI9, TIA, TIB)
Variable
20MHz
16MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Clock Cycle
tVCK
8T+100
500
600
ns
Clock Low Width
tVCKL
4T+40
240
290
ns
Clock High Width
tVCKH
4T+40
240
290
ns
5.6 Serial Channel Timing
(1) SCLK Input mode (I/O Interface mode)
Variable
20MHz
16MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
SCLK Cycle
tSCY
16T
0.8
1.0
us
Output Data → SCLK Rise
tOSS
tSCY/2-4T
-110
90
140
SCLK Rise → Output Data Hold
tOHS
tSCY/2+2T
500
625
SCLK Rise → Input Data Hold
tHSR
3T+10
160
197.5
SCLK Rise → Input Data Valid
tSRD
tSCY
800
1000
ns
(2) SCLK Output mode (I/O Interface mode)
Variable
20MHz
16MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
SCLK Cycle (programmable)
tSCY
16T
8192T
0.8
409.6
1.0
512
us
Output Data → SCLK Rise
tOSS
tSCY/2-40
360
460
SCLK Rise → Output Data Hold
tOHS
tSCY/2-40
360
460
SCLK Rise → Input Data Hold
tHSR
0
0
0
SCLK Rise → Input Data Valid
tSRD
tSCY/2-T
-180
570
757.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com