Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 45Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 46Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
2006-01-27
92FD54AI-44
TMP92FD54AI
10. The data in bytes 37 to 44 sent by the device is the dummy data.
11. The data in bytes 45 to 46 sent by the device is the dummy data
12. The data in bytes 47 to 50 sent by the device is the flash memory start address.
This data consists of the values 00H, 00H, 01H and 00H and is transmitted
starting from the 47th byte.
13. The data in bytes 51 to 54 sent by the device is the flash memory end address.
This data consists of the values FFH, FFH, 08H and 00H and is transmitted
starting from the 51st byte.
14. The data in bytes 55 to 56 sent by the device is the data which indicates how
many blocks the flash memory is divided into. This data consists of the values
0AH and 00H and is transmitted starting from the 55th byte.
15. The data in bytes 57 to 92 sent by the device is the data containing
information on flash memory blocks. With consecutive blocks of a given size
starting at the flash memory start address comprising one unit, this
information gives the start address of the first block, the size of the block (in
half words) and the number of blocks in each unit of a given size.
The data in bytes 57 to 65 sent by the device gives the above information for
the 64K-byte blocks (Block 0 to Block 5). Similarly, the data in bytes 66 to 74
gives the information for the 56K-byte blocks (Block 6 and Block 7), the data
in bytes 75 to 83 gives the information for the 8-Kbyte blocks (Block 8 and
Block 9). For a description of this data, please refer to Table 4.3.5.
16. The data in the 84th byte sent by the device is checksum data. This is the
low-order 8-bit value in 2’s complement representation obtained by adding
eight bits of transmit data in the fifth to the 83rd bytes not including the sign
(ignoring overflow).
17. The received data in the 85th byte is the next operation command data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com