Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 4Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 5Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 11Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
2006-01-27
92FD54AI-8
TMP92FD54AI
Pin name
Pin
number
Number
of pins
In/Out
Function
PN1
SO0
SDA0
60th
1
in/out
out
in/out
Port N1: I/O port.
SBI channel 0: Output data input/output at SIO mode
SBI channel 0: Data input/output at I²C mode
PN2
SI0
SCL0
62nd
1
in/out
in
in/out
Port N2: I/O port.
SBI channel 0: Input data at SIO mode
SBI channel 0: Clock input/output at I²C mode
PN3
SCK1
A12
64th
1
in/out
in/out
out
Port N3: I/O port.
SBI channel 1: Clock input/output at SIO mode
Address: Address bus 12.
PN4
SO1
SDA1
A13
65th
1
in/out
out
in/out
out
Port N4: I/O port.
SBI channel 1: Output data at SIO mode
SBI channel 1: Data input/output at I²C mode
Address: Address bus 13.
PN5
SI1
SCL1
A14
66th
1
in/out
in
in/out
out
Port N5: I/O port.
SBI channel 1: Input data at SIO mode
SBI channel 1: Clock input/output at I²C mode
Address: Address bus 14
PN6
SO2
SDA2
A15
67th
1
in/out
out
Port N6: I/O port.
SBI channel 2: Output data at SIO mode
SBI channel 2: data input output at I2C mode
Address: Address bus 15.
NMI
39th
1
in
Non-maskable interrupt: Interrupt request pin with programmable falling or both
falling and rising edge.
INT0
37th
1
in
Interrupt request pin 0: Interrupt request pin with programmable level or
rising-edge.
Address mode pins: These pins are set as following,
AM0,1
80th, 78th
2
in
(Single-Chip mode)
(Single-Boot mode)
AM0 = L,
AM0 = H,
AM1 = H
AM1 = H
Test mode pins: These pins are set as following,
TEST0,1
76th, 71st
2
in
(Single Chip & Single Boot mode)
TEST0 = L, TEST1 = L
CLK
77th
1
out
Programmable clock output (with pull-up register).
X1/X2
74th, 72nd
2
in/out Oscillator connecting pins
XT1/XT2
70th, 69th
2
in/out Low frequency oscillator connecting pins. Crystal or ceramic resonator is connected.
RC oscillation is also possible depending on MASK option.
RESET
79th
1
in
Reset: Initializes LSI (with pull-up register).
VREFH
4th
1
in
AD reference voltage high
VREFL
3rd
1
in
AD reference voltage low
ADVCC
2nd
1
-
Power supply pin for AD converter (+5V): Connect ADVCC pin to 5V power supply.
ADVSS
1st
1
-
GND pin for AD converter: Connect ADVSS pin to GND (0V).
DVCC5
15th, 40th,
50th,61st,75th
5
-
Power supply pins (+5V): Connect all DVCC5 pins to 5V power supply.
DVCC3
36th,68th,86th
3
-
Power supply pins (+3.3V): Connect all DVCC3 pins to REGOUT pin.
DVSS
13th,38th,51st,
63rd,73rd,88th
6
-
GND: Connect all DVSS pins to GND (0V).
REGOUT
49th
1
out
Regulator output 3.3V: Connect capacitor to stabilize the regulator output.
REGEN
52nd
1
in
Regulator enable pin: Should be set to H or OPEN (with pull-up register).
INT0
NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com