Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 5Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 11Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 12Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
2006-01-27
92FD54AI-9
TMP92FD54AI
3.
OPERATION
This section describes the basic components, functions and operation of TMP92FD54AI.
3.1 CPU
TMP92FD54AI contains an advanced high-speed 32-bit CPU (900/H1 CPU)
3.1.1
CPU Outline
900/H1 CPU is high-speed and high-performance CPU based on 900/H CPU. 900/H1 CPU has
expanded 32-bit internal data bus to process Instructions more quickly.
Outline of 900/H1 CPU are as follows:
900/H1 CPU
Width of CPU Address Bus
24-bit
Width of CPU Data Bus
32-bit
Internal Operating Frequency
16 to 20MHz (@fOSC=8 to 10MHz)
Minimum Bus Cycle (Internal RAM) 1-clock access (50ns@fOSC=10MHz)
Internal RAM
32-bit 1-clock access
Internal ROM
32-bit interleave 2-1-1-1-clock access
8/16-bit 2-clock access
PORT, INTC,
MEMC
Internal I/O
8/16-bit 5 to 6-clock access
SEI, SIO, WDT,
8-bit Timer,
16-bit Timer,
RTC, 10-bit ADC,
SBI, CAN
External Device
8-bit 2-clock access (can insert some waits)
Minimum Instruction
Execution Cycle
1-clock(50ns@fOSC=10MHz)
Conditional Jump
2-clock(100ns@fOSC=10MHz)
Instruction Queue Buffer
12-byte
Instruction Set
Compatible with TLCS-900, 900/H, 900/L,
900/L1 and 900/H2 (NORMAL, MIN, MAX and
LDX instruction is deleted)
Micro DMA
8-channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com