Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 2Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 3Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 4Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 5Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 6Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 7Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
2006-01-27
92FD54AI-6
TMP92FD54AI
2.2
Pin names and functions
The following table shows the names and functions of the input/output pins.
Pin name
Pin
number
Number of
pins
In/Out
Function
(CMOS)
P00..P07
D0..D7
20th…27th 8
(TTL)
in/out
in/out
Port 0: I/O port. Input or output specifiable in units of bits.
Data: Data bus 0 to 7.
P40..P47
A0..A7
28th…35th
8
in/out
out
Port4: I/O port. Input or output specifiable in units of bits.
Address: Address bus 0 to 7.
P70
RD
81st
1
in/out
out
Port70: I/O port.
Read: Outputs strobe signal to read external memory.
P71
WR
82nd
1
in/out
out
Port 71: I/O port.
Write: Output strobe signal to write external memory.
P72
SI2
SCL2
83rd
1
in/out
Port 72: I/O port.
SBI channel 2: Input data at SIO mode
SBI channel 2: Clock input/output at I²C mode
P73
CS
84th
1
in/out
out
Port 73: I/O port.
Chip select: Outputs “low” if address is within specified address area.
P74
85th
1
in/out Port 74: I/O port.
P75
WAIT
87th
1
in/out
in
Port 75: I/O port.
Wait: Signal used to request CPU bus wait.
PC0
TI0
INT1
58th
1
in/out
in
in
Port C0: I/O port.
Timer input 0: Input pin for timer 0.
Interrupt request pin 1: Rising-edge interrupt request pin.
PC1
TO1
57th
1
in/out
out
Port C1: I/O port.
Timer output 1: Output pin for timer 1.
PC2
TO3
INT2
56th
1
in/out
out
in
Port C2: I/O port.
Timer output 3: Output pin for timer 3.
Interrupt request pin 2: Rising-edge interrupt request pin.
PC3
TI4
INT3
55th
1
in/out
in
in
Port C3: I/O port.
Timer input 4: Input pin for timer 4.
Interrupt request pin 3: Rising-edge interrupt request pin.
PC4
TO5
54th
1
in/out
out
Port C4: I/O port.
Timer output 5: Output pin for timer 5.
PC5
TO7
INT4
53rd
1
in/out
out
in
Port C5: I/O port.
Timer output 7: Output pin for timer 7.
Interrupt request pin 4: Rising-edge interrupt request pin.
PD0
TI8
INT5
A16
WUINT0
41st
1
in/out
in
in
out
in
Port D0: I/O port.
Timer input 8: Input pin for timer 8.
Interrupt request pin 5: Interrupt request pin with programmable rising/falling
edge.
Address: Address bus 16.
Wake up input 0: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PD1
TI9
INT6
A17
WUINT1
42nd
1
in/out
in
in
out
in
Port D1: I/O port.
Timer input 9: Input pin for timer 9.
Interrupt request pin 6: Rising-edge interrupt request pin.
Address: Address bus 17.
Wake up input 1: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PD2
TO8
A18
WUINT2
43rd
1
in/out
out
out
in
Port D2: I/O port.
Timer output 8: Output pin for timer 8
Address: Address bus 18.
Wake up input 2: Wake up request pin with programmable rising, falling or both
falling and rising edge.
PD3
TO9
A19
WUINT3
44th
1
in/out
out
out
in
Port D3: I/O port.
Timer output 9: Output pin for timer 9
Address: Address bus 19.
Wake up input 3: Wake up request pin with programmable rising, falling or both
falling and rising edge.
INT5
WUINT0
INT4
INT3
INT2
INT1
INT6
WUINT1
WUINT2
WUINT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com