Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 50Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 51Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 52Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
2006-01-27
92FD54AI-51
TMP92FD54AI
8) Calculating SUM
SUM is word value which the boot program returns after summing the values of all
the data bytes which it has read. The resulting SUM is sent to the controller high-order
byte first and low-order byte last. All the data in the flash memory (512 K-bytes) is
included in the calculation of SUM. The following example illustrates how the flash
memory SUM command calculates the SUM value which is returned.
Example:
9) Calculating CHECKSUM
CHECKSUM is obtained by taking the 2’s-complement of the unsigned 8-bit value
obtained by summing the values of the bytes received, ignoring any overflow. The
CHECKSUM returned when the Flash Memory SUM command or Product
Information Read command is executed is calculated in this way. The controller should
also use this calculation method when transmitting CHECKSUM values.
Example: Calculating CHECKSUM for Flash Memory SUM command
In this example the CHECKSUM value is found for when the high-order byte of
SUM is E5H and the low-order byte is F6H.
First, the bytes are summed to yield an unsigned result.
E5H
+ F6H = 1DBH
Take the 2s complement of the low-order byte of the resulting value as shown
below. The result is the CHECKSUM value. Consequently, the value 25H is sent
to the controller.
0
− DBH = 25H
A1H
B2H
C3H
D4H
When the calculation is performed on the four data
entries shown on the left, the value of SUM is:
A1H
+ B2H + C3H + D4H = 02EAH
Hence the high-order data value for SUM is 02H and
the low-order data value is EAH. Therefore SUM is sent
to the controller as the value 02H followed by the value
EAH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com