Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 8Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 11Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 12Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 13Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 14Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 15Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
2006-01-27
92FD54AI-12
TMP92FD54AI
4.2
Operation Modes
TMP92FD54AI has three operation modes.
Table 4.2.1 Operation modes
Operation Mode Name
Description
Single-Chip Mode
After a reset the device restarts from the internal flash memory.
Single-Chip Mode is further sub-divided into the following two modes: Normal Mode and User Boot Mode.
The means for selecting between these two modes can be set by the user as desired. For example, it can
be set so that if Port 00 = 1, Normal Mode is selected, and if Port 00 = 0, User Boot Mode is selected. The
user application program must in corporate a routine to handle mode switching.
Normal Mode
The user’s application program is executed.
User Boot Mode
The flash memory on the user PCB board is rewritten.
Single Boot Mode
After a Reset the device starts up from the internal boot ROM (the mask ROM). The boot ROM has an
algorithm which allows memory on the user PCB to be rewritten via the device’s serial port. The internal
flash memory can be rewritten by connecting the PCB to the external host via TMP92FD54AI’s serial port
and transferring data using TMP92FD54AI data transfer protocol.
Of the modes listed in the table above, there are two operation modes in which the flash
memory can be programmed: User Boot Mode and Single Boot Mode.
At User Boot Mode (in Single-Chip mode) and Single Boot Mode, the internal flash
memory can be rewritten while mounted on the user PCB. These two modes are collectively
referred to as On-Board Programming Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com