Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
2006-01-27
92FD54AI-40
TMP92FD54AI
which the block-transferred data is to be stored. The 19th byte corresponds to
address bits 31 to 24 and the 22nd byte corresponds to address bits 7 to 0.
9. The data received as bytes 23 to 24 as bytes 19 to 22 the number of
block-transferred bytes. The 23rd byte corresponds to bits 15 to 8 and the 24th
byte to bits 7 to 0 of the transfer byte count.
10. The data received as the 25th byte is checksum data. The checksum data sent
by the controller should be equal to the 2’s complement of the unsigned 8-bit
value obtained by summing the values of bytes 19 to 24 ignoring any overflow.
For details of how to calculate checksum data, please refer to part 9), entitled
Calculating CHECKSUM, on page 51 of subsection 4.3.2 (6), Boot program.
11. The data in the 26th byte is the ACK response data returned by the device for
the data received as bytes 19 to 25 (the ACK response for CHECKSUM value).
The device first checks to see whether the data received as bytes 19 to 25
contains any Receive errors. If a Receive error is found, the device returns the
ACK response data for a Communications error (bit 3) 18H and waits for the
next operation command (third byte). The four high-order bits of the returned
ACK response data are the four high-order bits of the immediately preceding
operation command data, so the value of these bits is always 1.
Next, the device checks the CHECKSUM data in the 25th byte. This check is
made to see if the low-order 8-bit value obtained by adding eight bits of the
transmission data to bytes 19 to 25 not including the sign (ignoring overflow)
is 00H. If the value is not 00H, the device returns the ACK response data for a
CHECKSUM error (bit 0) 11H and waits for the next operation command
(third byte).
•
Write your program so that the data in bytes 19 to 25 are stored within a
RAM address area from 000400H to 006BFFH.
If all data is found to go normal as a result of the above check, the device
returns the ACK response data for normal reception, 10H.
12. The data received as bytes 27 to m is the data which is to be stored in RAM.
This data is written to RAM starting at the start address specified by the data
received as bytes 19 to 22 and up until the number of bytes specified by the
data received as bytes 23 to 24 in the 23rd to the 24th bytes has been reached.
13. The data received as the m + 1’th byte is checksum data. The checksum sent
by the controller should be equal to the 2’s complement of the unsigned 8-bit
value obtained by summing the values of bytes 27 to m, ignoring any overflow.
For details of how to calculate checksum data, please refer to part 9), entitled
Calculating CHECKSUM, on page 51 of subsection 4.3.2 (6), Boot program.
14. The data in the m + 2’th byte is the ACK response data returned by the device
for the data received as bytes 27 to m + 1 (the ACK response for the
CHECKSUM value). The device first checks to see whether the data received
as bytes 27 to m + 1 contains any Receive error. If a receive error is found, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com