Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
2006-01-27
92FD54AI-35
TMP92FD54AI
Table 4.3.6 Boot program transfer format (for reading product information) (2/2)
Number of
bytes
transferred
Data transferred from the
controller to the device
Baud rate
Data transferred from the device to
the controller
BOOT ROM 61st byte
∼
64th byte
⎯
Size (in half words) of flash memory blocks of
the same size (4 bytes)
00H, 80H, 00H and 00H beginning at the 61st
byte
65th byte
⎯
Number of flash memory blocks of the same
size (1 byte) 06H
66th byte
∼
69th byte
⎯
Start address of flash memory block of the
same size (4 bytes)
00H, 00H, 07H and 00H beginning at the 66th
byte
70th byte
∼
73rd byte
⎯
Size (in half words) of flash memory block of
the same size (4 bytes)
00H, 70H, 00H and 00H beginning at the 70th
byte
74th byte
⎯
Number of flash memory blocks of the same
size (1 byte) 02H
75th byte
∼
78th byte
⎯
Start address of flash memory block of the
same size (4 bytes)
00H, C0H, 08H and 00H beginning at the 75th
byte
79th byte
∼
82nd byte
⎯
Size (in half words) of flash memory block of
the same size (4 bytes)
00H, 10H, 00H and 00H beginning at the 79th
byte
83rd byte
⎯
Number of flash memory blocks of the same
size (1 byte) 02H
84th byte
⎯
CHECKSUM value for bytes 5 to 83
85th byte
(Wait for the next operation command
data)
⎯
*1: After returning abnormal response, the device waits for the operation command (third byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com