Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 75Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 77Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 78Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 79Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 80Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 81Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 82Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
2006-01-27
92FD54AI-79
TMP92FD54AI
5.9 Serial Expansion Interface
Variable
20MHz
Symbol
Parameter
Min
Max
Min
Max
Unit
tSECLK
SECLK Cycle
5T
40T
250
2000
ns
tLEAD
SS fall
SECLK
4T
200
ns
tLAG
SECLK
SS rise
4T
200
ns
tSCKH
SECLK High Pulse Width
tSECLK /2-9
116
ns
tSCKL
SECLK Low Pulse Width
tSECLK /2-9
116
ns
tSU
Input Data Set-up
tSECLK /4-10
52
ns
tH
Input Data Hold
tSECLK /4
62
ns
tV
Output Data Valid
t SECLK /4
62
ns
tHO
Output Data Hold
0
0
ns
a) SEI Master (CPHA=0)
SS
SECLK
SECLK
MISO
MOSI
b) SEI Master (CPHA=1)
SS
SECLK
SECLK
MISO
MOSI
LSB Input
bit 6 to 1
MSB Input
LSB Output
bit 6 to 1
MSB Output
tV
tHO
tH
tSU
tSECLK
LSB Output
bit6 to 1
MSB Output
LSB Input
bit6 to 1
MSB Input
tV
tHO
tSECLK
tSCKH
tSCKL
tH
tSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com