Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 26Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 27Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 28Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
2006-01-27
92FD54AI-30
TMP92FD54AI
(2) Mode settings
Before on-board programming can be performed, the device must be started up in
Single Boot Mode. The input pins must be set as follows in order to start the device up
in Single Boot Mode.
AM0
= 1
AM1
= 1
TEST0
= 0
TEST1
= 0
RESET
= 0
→ 1
Set the RESET input pin Low (= 0) and set the AM0, AM1, TEST0 and TEST1 pins as
shown above. Then de-assert RESET (i.e. set it to 1). The device will start up in Single
Boot Mode.
(3) Memory map
Figure 4.3.2 compares the memory maps for Single-Chip Mode and Single-Boot Mode.
As shown, in Single-Boot Mode the internal flash memory is mapped into 010000H to
08FFFFH. The boot ROM (mask ROM) is mapped into FFF400H to FFFFFFH.
Figure 4.3.2 Memory maps for Single-Chip Mode and Single-Boot Mode
Single-Chip Mode
Single-Boot Mode
000000H
000400H
008400H
F80000H
FFFF00H
FFFFFFH
FFF000H
000000H
000400H
010000H
090000H
FFF400H
FFFF00H
FFFFFFH
008400H
(予約)
内蔵
Flash ROM
Internal I/O
Internal RAM
32KB
External
Memory
Internal Flash ROM
512KB
Internal I/O
Internal RAM
32KB
External
Memory
External
Memory
Reserved
Internal Boot ROM 3KB
Internal Flash ROM
512KB
(Interrupt vector 256B)
(Interrupt vector 256B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com