Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 68Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 69Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 70Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 71Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 72Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 73Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 74Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 75Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
2006-01-27
92FD54AI-72
TMP92FD54AI
5.3 AC Characteristics
Read cycle
VCC5=4.5 to 5.25V±5%, TA=--40 to 85 degree C
No.
Parameter
Symbol
Min
Max
@20MHz
@16MHz
Unit
1
OSC period (X1/X2)
tOSC
100
125
100
125
ns
2
System Clock period (=T)
tCYC
50
62.5
50
62.5
ns
3
CLK Low Width
tCL
0.5×T-15
10
16
ns
4
CLK High Width
tCH
0.5×T-15
10
16
ns
5-1
A0 to A23 Valid → D0 to D7 Input @0WAIT
tAD
2.0×T-50
50
75
ns
5-2
A0 to A23 Valid → D0 to D7 Input @1WAIT
tAD3
3.0×T-50
100
138
ns
6-1
RD Fall
→ D0 to D7 Input @0WAIT
tRD
1.5×T-45
30
49
ns
6-2
RD Fall
→ D0 to D7 Input @1WAIT
tRD3
2.5×T-45
80
111
ns
7-1
RD Low Width
@0WAIT
tRR
1.5×T-20
55
74
ns
7-2
RD Low Width
@1WAIT
tRR3
2.5×T-20
105
136
ns
8
A0 to A23 Valid → RD Fall
tAR
0.5×T-20
5
11
ns
9
RD Fall
→ CLK Fall
tRK
0.5×T-20
5
11
ns
10
A0 to A23 Valid → D0 to D7 Hold
tHA
0
0
0
ns
11
RD Rise
→ D0 to D7 Hold
tHR
0
0
0
ns
12
A0 to A23 Valid → PORT Input
tAPR
2.0×T-120
-20
5
ns
13
A0 to A23 Valid → PORT Hold
tAPH
2.0×T
100
125
ns
14
WAIT Set-up Time
tTK
15
15
15
ns
15
WAIT Hold Time
tKT
5
5
5
ns
Write cycle
VCC5=5.0V±5%, TA=--40 to 85 degree C
No.
Parameter
Symbol
Min
Max
@20MHz
@16MHz
Unit
1
OSC period (X1/X2)
tOSC
100
125
100
125
ns
2
System Clock period (=T)
tCYC
50
62.5
50
62.5
ns
3
CLK Low Width
tCL
0.5×T-15
10
16
ns
4
CLK High Width
tCH
0.5×T-15
10
16
ns
5-1
D0 to D7 Valid → WR Rise
@0WAIT
tDW
1.25×T-35
28
43
ns
5-2
D0 to D7 Valid → WR Rise
@1WAIT
tDW3
2.25×T-35
78
106
ns
6-1
WR Low Width
@0WAIT
tWW
1.25×T-30
33
48
ns
6-2
WR Low Width
@1WAIT
tWW3
2.25×T-30
83
111
ns
7
A0 to A23 Valid → WR Fall
tAW
0.5×T-20
5
11
ns
8
WR Fall
→ CLK Fall
tWK
0.5×T-20
5
11
ns
9
WR Fall
→ A0 to A23 Hold
tWA
0.25×T-5
8
11
ns
10
WR Fall
→ D0 to D7 Hold
tWD
0.25×T-5
8
11
ns
11
A0 to A23 Valid → PORT Output
tAPW
2.0×T+70
170
195
ns
12
WAIT Set-up Time
tTK
15
15
15
ns
13
WAIT Hold Time
tKT
5
5
5
ns
14
RD Rise
→ D0 to D7 Output
tRDO
1.25×T-35
20
26
ns
AC Condition
・Output :
D0 to D7, A0 to A7, A8 to A15, A16 to A23, RD, WR
High 2.0V, Low 0.8V, CL=50pF
Others
High 2.0V, Low 0.8V, CL=50pF
・Input
:
D0 to D7
High 2.4V, Low 0.45V, CL=50pF
Others
High 0.8×VCC5, Low 0.2×VCC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com