Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 81 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 81 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 77Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 78Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 79Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 80Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 81Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 82Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 83Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 84Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
2006-01-27
92FD54AI-81
TMP92FD54AI
5.11 Voltage regulator
Voltage Regurator
Vcc5 =4.5V to 5.25V / fc = 16 to 20MHz / Ta = -40 to 85 degree C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit.
Output Voltage
REGOUT
3.0
―
3.6
V
Output Current
Iro
Vin-REGOUT=1.0V
0
―
150
mA
Iq
Iro≦10 uA
30
50
100
μA
Iq1
10 uA<Iro<100mA
(Ta=25℃)
15
250
800
μA
Quiescent Current
Iop
Iro=150mA
6
8
10
mA
Standby Current
Is
REGEN=0 (Regulator Only)
―
0.1
0.2
μA
0.5[Ohm] ≦ESR≦5.0[Ohm]
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit.
Stabilization capactor
Cs
Cb=10uF, ESR=4.7Ω
0.1
―
10
μF
Bypass capactor
Cb
Cs=10uF, ESR=4.7Ω (Cs>=Cb)
0.1
―
10
μF
Input capactor
Cin
(Note)
Cs=10uF, ESR=4.7Ω
4.7
―
22
μF
Equivalent
Series Resistor
ESR
Cs=10uF Cb=0.1uF
0.5
―
5
Ω
0.5[Ohm] ≦ESR≦50[Ohm]
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit.
Stabilization capactor
Cs
Cb=0.6uF, ESR=47Ω
0.1
―
10
μF
Bypass capactor
Cb
Cs=10uF, ESR=47Ω (Cs>=Cb)
0.6
―
10
μF
Input capactor
Cin
(Note)
Cs=10uF, ESR=47Ω
4.7
―
22
μF
Equivalent
Series Resistor
ESR
Cs=10uF Cb=0.6uF
0.5
―
50
Ω
0.5[Ohm] ≦ESR≦100[Ohm]
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit.
Stabilization capactor
Cs
Cb=1.0uF, ESR=100Ω
0.1
―
10
μF
Bypass capactor
Cb
Cs=10uF, ESR=100Ω (Cs>=Cb)
1.0
―
10
μF
Input capactor
Cin
(Note)
Cs=10uF, ESR=100Ω
4.7
―
22
μF
Equivalent
Series Resistor
ESR
Cs=10uF Cb=1.0uF
0.5
―
100
Ω
Note: Recommend Tantalum Capacitor.
TMP92FD54AI
DVCC5
REGOUT
REGEN
DVSS
DVCC3
OPEN
Cin
Cs
ESR
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com