Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 27Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 28Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
2006-01-27
92FD54AI-31
TMP92FD54AI
(4) Interface specifications
SIO communication specifications for Single Boot Mode are shown below. The device
supports a serial operation mode: UART (Asynchronous). Before on-board
programming can be executed, the programming controller must be set to the same
communications format as the device side.
•
Communicating in UART Mode
Communications channel: SIO Channel1
Serial transfer mode: UART (Asynchronous) Mode, full-duplex
communication
Data length: 8 bits
Parity bits: None
STOP bits: 1
Baud rate: Desired baud rate (See Table 4.3.1(a) )
Table 4.3.1(a)
Baud Rate Selection Table
Baud Rate (bps)
38400
19200
9600
4800
2400
Table 4.3.1(b) Pin connections
Pin
UART
DVCC (3.3 V)
Power supply pins
DVSS
Mode-setting pin
AM1, AM0,
TEST1, TEST0
Reset pin
RESET
TXD1
Communications pins
RXD1
(5) Data transfer format
The operation commands and data transfer formats for each operation mode are shown
in Table 4.3.2 to Table 4.3.67. For related information please refer to subsection (6),
entitled
Boot program, on page 37 of Section 4.3.2, Single-Boot Mode.
Table 4.3.2 Operation command data
Operation Command Data
Operation Mode
10H
RAM transfer
20H
Flash memory SUM
30H
Read product information
40H
Auto Chip Erase & UnProtect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com