Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 13Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 14Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 15Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 16Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 17Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 18Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 19Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 20Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
2006-01-27
92FD54AI-17
TMP92FD54AI
User Boot Mode
(1-A) Example procedure in which the rewrite routine is stored in the internal flash memory
(Step 1)
First, the conditions (e.g. the pin status) under which the program will enter User Boot Mode must be
set and the I/O bus which the program will use to transfer data must be selected. Then a circuit must be
designed and a corresponding program written. Before mounting this device on the board, the following
four programs must be written into one of the blocks of the flash memory using a programmer or similar
device.
(a) Mode judgment routine:
code to determine when rewriting of the device will commence
(b) Flash rewrite routine:
code to read the rewrite data from an external source and then
rewrite the flash memory
(c) Copy routine-1:
code to copy (a) to (d) into the internal RAM or to external
memory
(d) Copy routine-2:
code to copy (a) to (d) to the flash memory from the internal RAM
or the external memory.
(Step 2)
The following explanation of the proceeding step assumes that the routines described above have
been included in the Reset-processing program.
After a Reset the Reset-processing program must first determine whether or not the device should
enter User Boot Mode. If the condition for entering User Boot Mode is true, the program must put the
device into User Boot Mode, the mode in which the flash memory can be rewritten. (Once the device
has entered User Boot Mode, no interrupts ⎯ not even NMIs ⎯ should be used.)
(TMP92FD54AI)
Flash memory
RAM
[Reset-processing program]
Old user application
program
(Controller)
New user
application program
(I/O)
(a) Mode judgment routine
(b) Flash rewrite routine
(c) Copy routine-1
(d) Copy routine-2
(c) Copy routine
(TMP92FD54AI)
Flash memory
RAM
[Reset-processing program]
Old user application
program
(Controller)
New user
application program
(I/O)
0
→ 1 RESET
Condition for
determining
whether or not the
device should be
put into User Boot
Mode (set by the
user)
(a) Mode judgment routine
(b) Flash rewrite routine
(c) Copy routine-1
(d) Copy routine-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com