Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 66Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 67Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 68Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 69Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 70Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 71Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 72Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 73Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
2006-01-27
92FD54AI-70
TMP92FD54AI
Parameter
Symbol
Condition
Min
Max
Unit
Output Low Voltage
VOL
IOL = 3.0mA
0.4
V
VOH0
IOH = -400uA
2.4
VOH1
IOH = -100uA
0.75*VCC5
VOH2
IOH = -20uA
0.9*VCC5
Output High Voltage
VOHn
IOH = -200uA, PF6(TX) pin
0.82*VCC5
V
Input Leakage Current
ILI
0.0 ≦ Vin ≦ VCC5
0.02(typ.)
+/- 5
uA
Output Leakage Current
ILO
0.2 ≦ Vin ≦ VCC5-0.2
0.05(typ.)
+/- 10
uA
Operating Current
(Single Chip)*
ICC5
VCC5=5.25V , X1=10MHz(Internal 20MHz)
80(typ)
100
mA
ICC5IDLE2
IDLE2
Mode
VCC5=5.25V, X1=10MHz(Internal 20MHz)
90
ICC5IDLE1
IDLE1
Mode
VCC5=5.25V, X1=10MHz(Internal 20MHz)
30
mA
ICC5IDLE3
IDLE3
Mode
VCC5=5.25V, Ta = -40 to 85 degree C
VCC5=5.25V, Ta = -10 to 55 degree C
220
140
uA
Operating Current
(Stand-by)
ICC5STOP
STOP
Mode
VCC5=5.25V, Ta = -40 to 85 degree C
VCC5=5.25V, Ta = -10 to 55 degree C
200
120
uA
Stand-by Voltage
VSTB5
VCC3 < VCC5 ,
VIH1<VCC5 , VIH2<VCC5 , VIH3<VCC5
3.0
5.25
V
RRST
RESET
RCLK
CLK
Pull-up Resistor
RREGEN
REGEN
60
220
K
ohm
Schmitt Width
VTH
INT0, NMI, RESET, P70 to P75, PC0 to PC5,
PD0 to PD7, PF0 to PF7, PM0 to PM4, PN0
to PN6
0.4
1.0(typ.)
V
*: On condition that external bus don’t operate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com