Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 9Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 10Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 11Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 12Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 13Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 14Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 15Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 16Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
2006-01-27
92FD54AI-13
TMP92FD54AI
The input pin levels on AM0, AM1, TEST0 and TEST1, which are set externally
during a Reset, determine the operation mode - either Single-Chip Mode, Single-Boot
Mode.
For all operation modes, the CPU will start operating in the selected mode on
completion of the reset. The input pin levels are set before the reset is completed. Once
the mode has been set, make sure that the input pin levels do not change during
operation. The following table shows how each operation mode is set. The state
diagram beneath the table shows the various possible mode transitions.
Table 4.2.2 Operation mode pin settings
Input Pins
Operation Mode
RESET
AM1
AM0
TEST1
TEST0
(1)
Single-Chip Mode (Normal & User Boot)
1
0
0
0
(2)
Single Boot Mode
1
1
0
0
Figure 4.2.1 Mode transition diagram
4.2.1
Reset operation
To reset the device, hold the RESET input Low (= 0) for at least 20 system clock
periods while the power supply voltage is within the rated operating range and the
internal high-frequency oscillator is oscillating stably. When the device is
operating at 20 MHz, this period will by equal to 4
µs. For details please refer to
the section entitled Reset Operation in TMP92CD54I User’s Manual.
On-Board
Programming Mode
/ RESET = 0
/
RESET = 0
(2)
(1)
Switching set
by the user
Single-Chip Mode
Reset state
Normal Mode
User Boot
Mode
Single
Boot Mode
Numbers in ( ) indicate the column row in the above table in which the input pin levels for the
mode setting are shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com