Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
2006-01-27
92FD54AI-41
TMP92FD54AI
device returns the ACK response data for a Communications error (bit 3) 18H
and waits for the next operation command (third byte). The four high-order
bits of the returned ACK response data are the four high-order bits of the
immediately preceding operation command data, so the value of these bits is
always 1.
Next, the device checks the checksum data in the m + 1’th byte. This check is
made to see whether the low-order 8-bit value obtained by adding eight bits of
the transmission data to 27 to m + 1 bytes not including the sign (ignoring
overflow) is 00H. If the value is not 00H, the device returns the ACK response
data for a CHECKSUM error (bit 0) 11H and waits for the next operation
command (third byte). If all data is found to be normal as a result of the above
check, the device returns the ACK response data for normal reception, 10H.
15. If the ACK response data in the (m + 2)th byte is a normal ACK response, the
device sends the normal ACK response data 10H and then branches to the
address specified by the data received as bytes 19 to 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com