Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 21Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 22Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 23Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 24Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 25Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 26Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 27Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 28Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
2006-01-27
92FD54AI-25
TMP92FD54AI
4.3.2
Single-Boot Mode
This mode involves activation of the internal boot ROM (mask ROM) so that the flash
memory can be rewritten using a program stored in the boot ROM. In this mode the
internal boot ROM is mapped into an area containing the interrupt vector table, in
which the boot ROM program is executed. The flash memory is mapped into an address
space different from the one into which the boot ROM is mapped (see
Figure 4.2.2).
In Single-Boot Mode the flash memory is rewritten by serial transfer of commands and
data.
First, the device’s SIO (SIO1) and the external host are connected and the rewrite
program is copied from the external host into the device’s internal RAM; the rewrite
program is then executed in RAM and the flash memory rewritten. The rewrite routine
is initiated by sending commands and rewrite data from the host. The device must
communicate with the host following the protocol described later. Before the program
can be transferred into RAM, the user password is checked to ensure the security of the
user ROM data. If the password does not match, the program is not transferred into
RAM. Interrupts must be disabled when peripheral functions such as the SIO is
utilized in Single Boot mode. Nonetheless, the code for an interrupt cause is recorded
in the INTES1 register ; thus, for example, data receptions or transmissions in the SIO
can be confirmed by keeping track of value changes of the INTES1 register. The NMI
interrupt must be disabled at this time.
To prevent the contents of flash memory inadvertently rewritten in Single-Chip Mode
(Normal Mode), it is recommended that, on completion of rewriting, write-protect be
set for any blocks which the user wishes to protect. For details of how to program/erase
the flash memory, please refer to Section 4.4, Programming/Erasing Flash Memory
during On-Board Programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com