Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 60Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 61Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 62Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
92FD54AI-59
2006-01-27
TMP92FD54AI
•
DQ7 (Data Polling)
The Data Polling function allows confirmation of the status of automatic
operations on flash memory. Data polling output begins after the last Bus
Write cycle of an automatic operation command sequence has ended. During
an Auto Program operation the data written to DQ7 is output after being
inverted. After an Auto Program operation, the cell data for DQ7 itself is
output so that the operation status can be identified by reading DQ7. During
an Auto Erase operation the data 0 is output on DQ7; after an Auto Erase
operation the data 1 (the cell data) is output on DQ7. If an automatic operation
resulted in an error, DQ7 will continue to output the data it held during the
automatic operation. Therefore, this data can be used in combination with the
value on DQ5 (the internal timer-out) to determine whether failure has
occurred (see Figure 4.4.6).
Since the flash memory releases the address latch on completion of operation,
to read out data it is necessary to specify either the address to which data has
been written or the address of any unprotected erased block.
•
DQ6 (Toggle bit)
The Toggle bit function, same as the data polling function, allows confirmation
of the status of automatic operations on flash memory. The Toggle output
begins after the last Bus Write cycle of an automatic operation command
sequence has ended on DQ6. Every read cycle, output reciprocally 0 and 1. If
an automatic operation resulted in an error, DQ6 will continue to output the
data it held during the automatic operation. Therefore, this data can be used
in combination with the value on DQ5 (the internal timer-out) to determine
whether failure has occurred (see Figure 4.4.6).
•
DQ5 (internal time-out)
Normally when automatic operation is in progress, the flash memory outputs
0 on DQ5. If the automatic operation exceeds the flash memory’s internal
time-out period, the DQ5 output will change state to 1. This indicates that
automatic operation did not terminate normally and suggests that the flash
memory may be faulty. Furthermore, since the flash memory can have its cells
changed from data 1 to data 0 in Program Mode, but cannot have its cells
changed from data 0 to data 1, if an attempt is made to write a data 1 to a data
0 cell, the device will not be able to write data correctly within the
predetermined time. As a result, the device will output a 1 on DQ5, just as if
the flash memory were found to be faulty.
In this case the value on DQ5 is not indicating that the flash memory is faulty,
but that an attempt to perform an invalid operation was made. If automatic
operation did not terminate normally, the flash memory will be locked and will
not re-enter Read Mode. Therefore, reset the flash memory using the Reset
command.
•
DQ3 (Block Erase timer)
Auto Block Erase starts the Block Erase Hold time after the sixth Bus Write
cycle of the Command cycle has ended. The flash memory outputs a 0 on DQ3
during the Block Erase Hold time and outputs a 1 when it starts an Erase
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com