Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 115 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 111Page - STMicroelectronics L99MH98 Datasheet HTML 112Page - STMicroelectronics L99MH98 Datasheet HTML 113Page - STMicroelectronics L99MH98 Datasheet HTML 114Page - STMicroelectronics L99MH98 Datasheet HTML 115Page - STMicroelectronics L99MH98 Datasheet HTML 116Page - STMicroelectronics L99MH98 Datasheet HTML 117Page - STMicroelectronics L99MH98 Datasheet HTML 118Page - STMicroelectronics L99MH98 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 147 page
background image
Table 194. HB6_TURN_OFF_CFG (0x27) LSB description
Bit
Name
Description
7
HB_FAULT6 [3]
HB6 fault key
0000 = No connected to other HB
0001 = key 1
0010 = key 2
0100 = key 4
1000 = key 8
0011 = key 1 + key 2
0101 = key 1 + key 4
1001 = key 1 + key 8
0110 = key 2 + key 4
1010 = key 2 + key 8
1100 = key 4 + key 8
0111 = key 1 + key 2 + key 4
1011 = key 1 + key 2 + key 8
1101 = key 1 + key 4 + key 8
1110 = key 2 + key 4 + key 8
1111 = key 1 + key 2+ key 4 + key 8
6
HB_FAULT6 [2]
5
HB_FAULT6 [1]
4
HB_FAULT6 [0]
3
ISTEP2_OFF_CONF6 [3]
Istep2 configuration of the HB6 in case of the switch OFF of the external MOSFET
0000 = 1 mA
0001 = 2 mA
0010 = 3 mA
0011 = 4 mA
0100 = 6 mA
0101 = 8 mA
0110 = 10 mA
0111 = 12 mA
1000 = 16 mA
1001 = 20 mA
1010 = 24 mA
1011 = 28 mA
1100 = 32 mA
1101 = 36 mA
1110 = 40 mA
1111 = 44 mA
2
ISTEP2_OFF_CONF6 [2]
1
ISTEP2_OFF_CONF6 [1]
0
ISTEP2_OFF_CONF6 [0]
Table 195. HB7_MODE_CONFIG (0x28) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
RES
DT7 [2]
DT7 [1]
DT7 [0]
STRONG_ON _WHEEL7
HB_IDIAG7 [1]
Reserved Reserved Dead Time 7 [2] Dead Time 7 [1] Dead Time 7 [0]
Free-wheeling strong on
HB7
HB7 diagnostic
current
L99MH98
SPI Registers
DS14611 - Rev 3
page 115/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com