Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 119 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 115Page - STMicroelectronics L99MH98 Datasheet HTML 116Page - STMicroelectronics L99MH98 Datasheet HTML 117Page - STMicroelectronics L99MH98 Datasheet HTML 118Page - STMicroelectronics L99MH98 Datasheet HTML 119Page - STMicroelectronics L99MH98 Datasheet HTML 120Page - STMicroelectronics L99MH98 Datasheet HTML 121Page - STMicroelectronics L99MH98 Datasheet HTML 122Page - STMicroelectronics L99MH98 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 147 page
background image
Bit
Name
Description
1100 = 32 mA
1101 = 36 mA
1110 = 40 mA
1111 = 44 mA
Table 203. HB7_DIAG_CFG (0x2A) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RW)
0 (RW)
0 (RW)
RES
RES
RES
RES
VDS_CONF7 [3]
VDS_CONF7 [2]
VDS_CONF7 [1]
Reserved Reserved Reserved Reserved
VDS conf of the HB7 [3]
VDS conf of the HB7 [2]
VDS conf of the HB7 [1]
Table 204. HB7_DIAG_CFG (0x2A) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
RES
Reserved bit
12
RES
Reserved bit
11
RES
Reserved bit
10
VDS_CONF7 [3]
Vds monitor threshold configuration for the HB7
0000 = 75 mV
0001 = 150 mV
0010 = 200 mV
0011 = 250 mV
0100 = 300 mV
0101 = 400 mV
0110 = 500 mV
0111 = 600 mV
1xxx = 2 V
9
VDS_CONF7 [2]
8
VDS_CONF7 [1]
Table 205. HB7_DIAG_CFG (0x2A) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
VDS_CONF7
[0]
VDS_BLANK7
[3]
VDS_BLANK7
[2]
VDS_BLANK7
[1]
VDS_BLANK7
[0]
VDS_FILT7
[2]
VDS_FILT7
[2]
VDS_FILT7
[2]
VDS conf of
the HB7 [0]
VDS blanking
time conf [3]
VDS blanking
time conf [2]
VDS blanking
time conf [1]
VDS blanking
time conf [0]
VDS filter
time conf [2]
VDS filter
time conf [1]
VDS filter
time conf [0]
Table 206. HB7_DIAG_CFG (0x2A) LSB description
Bit
Name
Description
7
VDS_CONF7 [0]
Vds monitor threshold configuration for the HB7
0000 = 75 mV
0001 = 150 mV
0010 = 200 mV
0011 = 250 mV
L99MH98
SPI Registers
DS14611 - Rev 3
page 119/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com