Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 120 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 116Page - STMicroelectronics L99MH98 Datasheet HTML 117Page - STMicroelectronics L99MH98 Datasheet HTML 118Page - STMicroelectronics L99MH98 Datasheet HTML 119Page - STMicroelectronics L99MH98 Datasheet HTML 120Page - STMicroelectronics L99MH98 Datasheet HTML 121Page - STMicroelectronics L99MH98 Datasheet HTML 122Page - STMicroelectronics L99MH98 Datasheet HTML 123Page - STMicroelectronics L99MH98 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 147 page
background image
Bit
Name
Description
0100 = 300 mV
0101 = 400 mV
0110 = 500 mV
0111 = 600 mV
1xxx = 2 V
6
VDS_BLANK7 [3]
Vds blanking time configuration for the HB7
0000 = 0.625 μs
0001 = 1 μs
0010 = 1.25 μs
0011 = 1.5 μs
0100 = 2 μs
0101 = 3 μs
0110 = 4 μs
0111 = 5 μs
1000 = 6 μs
1001 = 7 μs
1010 = 8 μs
1x11 = 0.625 μs
5
VDS_BLANK7 [2]
4
VDS_BLANK7 [1]
3
VDS_BLANK7 [0]
2
VDS_FILT7 [2]
Vds filtering time configuration for the HB7
000 = 0.5 μs
001 = 1 μs
010 = 2 μs
011 = 3 μs
100 = 4 μs
101 = 5 μs
110 = 6 μs
111 = 0.5 μs
1
VDS_FILT7 [1]
0
VDS_FILT7 [0]
Table 207. HB7_TURN_OFF_CFG (0x2B) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RW)
0 (RW)
RES
RES
RES
RES
RES
GENMODE7 [1]
GENMODE7 [0]
Reserved
Reserved
Reserved
Reserved
Reserved
GENMODE bit conf [1]
GENMODE bit conf [0]
Table 208. HB7_TURN_OFF_CFG (0x2B) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
RES
Reserved bit
12
RES
Reserved bit
11
RES
Reserved bit
10
RES
Reserved bit
9
GENMODE7 [1]
HB7 Gate driver actions when a VDH overvoltage is detected:
00 = Gate driver off
8
GENMODE7 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 120/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com