Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 124 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 120Page - STMicroelectronics L99MH98 Datasheet HTML 121Page - STMicroelectronics L99MH98 Datasheet HTML 122Page - STMicroelectronics L99MH98 Datasheet HTML 123Page - STMicroelectronics L99MH98 Datasheet HTML 124Page - STMicroelectronics L99MH98 Datasheet HTML 125Page - STMicroelectronics L99MH98 Datasheet HTML 126Page - STMicroelectronics L99MH98 Datasheet HTML 127Page - STMicroelectronics L99MH98 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 147 page
background image
Bit
Name
Description
11 = Vstep1 = 2.2 V, Vstep2 = 5.34 V for the switch ON
11 = Vstep1 = 2.6 V, Vstep2 = 6.66 V for the switch OFF
11
ISTEP3_CONF8 [3]
Istep3 configuration of the HB8
0000 = 2 mA
0001 = 4 mA
0010 = 8 mA
0011 = 12 mA
0100 = 20 mA
0101 = 28 mA
0110 = 36 mA
0111 = 44 mA
1000 = 52 mA
1001 = 60 mA
1010 = 68 mA
1011 = 76 mA
1100 = 84 mA
1101 = 92 mA
1110 = 104 mA
1111 = 120 mA
10
ISTEP3_CONF8 [2]
9
ISTEP3_CONF8 [1]
8
ISTEP3_CONF8 [0]
Table 217. HB8_DRIVER_CFG (0x2D) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
ISTEP2_CONF8 [3]
ISTEP2_CONF8 [2]
ISTEP2_CONF8 [1]
ISTEP2_CONF8 [0]
ISTEP1_CONF8 [3]
ISTEP1_CONF8 [2]
ISTEP1_CONF8 [1]
ISTEP1_CONF8 [0]
HB8 Istep3 conf [3]
HB8 Istep3 conf [2]
HB8 Istep3 conf [1]
HB8 Istep3 conf [0]
HB8 Istep3 conf [3]
HB8 Istep3 conf [2]
HB8 Istep3 conf [1]
HB8 Istep3 conf [0]
Table 218. HB8_DRIVER_CFG (0x2D) LSB description
Bit
Name
Description
7
ISTEP2_CONF8 [3]
Istep2 configuration of the HB8 for the low to high transition
0000 = 1 mA
0001 = 2 mA
0010 = 3 mA
0011 = 4 mA
0100 = 6 mA
0101 = 8 mA
0110 = 10 mA
0111 = 12 mA
1000 = 16 mA
1001 = 20 mA
1010 = 24 mA
1011 = 28 mA
1100 = 32 mA
1101 = 36 mA
1110 = 40 mA
6
ISTEP2_CONF8 [2]
5
ISTEP2_CONF8 [1]
4
ISTEP2_CONF8 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 124/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com