Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 128 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 124Page - STMicroelectronics L99MH98 Datasheet HTML 125Page - STMicroelectronics L99MH98 Datasheet HTML 126Page - STMicroelectronics L99MH98 Datasheet HTML 127Page - STMicroelectronics L99MH98 Datasheet HTML 128Page - STMicroelectronics L99MH98 Datasheet HTML 129Page - STMicroelectronics L99MH98 Datasheet HTML 130Page - STMicroelectronics L99MH98 Datasheet HTML 131Page - STMicroelectronics L99MH98 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 147 page
background image
Bit
Name
Description
1110 = key 2 + key 4 + key 8
1111 = key 1 + key 2+ key 4 + key 8
3
ISTEP2_OFF_CONF8 [3]
Istep2 configuration of the HB8 in case of the switch OFF of the external MOSFET
0000 = 1 mA
0001 = 2 mA
0010 = 3 mA
0011 = 4 mA
0100 = 6 mA
0101 = 8 mA
0110 = 10 mA
0111 = 12 mA
1000 = 16 mA
1001 = 20 mA
1010 = 24 mA
1011 = 28 mA
1100 = 32 mA
1101 = 36 mA
1110 = 40 mA
1111 = 44 mA
2
ISTEP2_OFF_CONF8 [2]
1
ISTEP2_OFF_CONF8 [1]
0
ISTEP2_OFF_CONF8 [0]
Table 227. OUT_ENABLE (0x30) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
RES
RES
RES
RES
RES
RES
RES
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 228. OUT_ENABLE (0x30) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
RES
Reserved bit
12
RES
Reserved bit
11
RES
Reserved bit
10
RES
Reserved bit
9
RES
Reserved bit
8
RES
Reserved bit
Table 229. OUT_ENABLE (0x30) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
Out enable
HB8
Out enable
HB7
Out enable
HB6
Out enable
HB5
Out enable
HB4
Out enable
HB3
Out enable
HB2
Out enable
HB1
L99MH98
SPI Registers
DS14611 - Rev 3
page 128/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com