Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 53 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 49Page - STMicroelectronics SABRE-LL-I Datasheet HTML 50Page - STMicroelectronics SABRE-LL-I Datasheet HTML 51Page - STMicroelectronics SABRE-LL-I Datasheet HTML 52Page - STMicroelectronics SABRE-LL-I Datasheet HTML 53Page - STMicroelectronics SABRE-LL-I Datasheet HTML 54Page - STMicroelectronics SABRE-LL-I Datasheet HTML 55Page - STMicroelectronics SABRE-LL-I Datasheet HTML 56Page - STMicroelectronics SABRE-LL-I Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
SABRE-LL-I
Power bridges
53/141
14.3.2
Parallel configuration (super bridge)
Bridges 1, 2, 3 and 4 can be configured to be used two by two (1 plus 2, 3 plus 4) as one
super bridge thus enabling the driving of loads (motors) requiring high currents. In this
configuration the half bridges will be paralleled and will work as one phase of the super-
bridge just created: the two phases + will become phase + of the newly created super-
bridge while the two phases - will become phase –.
Figure 14.
Super bridge configuration
When this configuration is chosen for bridges 1 (3) and 2 (4), the resulting bridge will use the
driving logic of bridge 1 (3) so for programming it must be used the bridge 1 (3) control and
status bits (direction, PWM, ...): i.e. the used PWM signal will be chosen by
Mtr1SideAPwmSel[1:0] (Mtr3SideAPwmSel[1:0]) bits in SPI.
If the bridges are not configured to be used in parallel, each side of the bridge will use the
PWM selected by the respective MtrXPWMYSel[1:0] bits in the SPI, but if one of the two
drivers is configured as a full bridge only one of the two selected PWM will be used to drive
the motor and this is the PWM chosen for side A.
In order to avoid any problem coming from different propagation times of PWM signals the
anti-crossover dead times are slightly increased when the bridges are paralleled.
14.3.3
Half bridge configuration
Each bridge can be configured to be used as 2 independent half bridges or as 1 super half
bridge (see Figure 15). It is also possible to parallel more than one bridge and use all of
them as a single super half bridge.
PH
-
PH
+
PH
+
PH
-
M
Bridge 2 (4)
Super Bridge
Bridge 1 (3)
PH
-
PH
+
PH
+
PH
-
M
Bridge 2 (4)
Super Bridge
Bridge 1 (3)
Parallel Full Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com