Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 72 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 68Page - STMicroelectronics SABRE-LL-I Datasheet HTML 69Page - STMicroelectronics SABRE-LL-I Datasheet HTML 70Page - STMicroelectronics SABRE-LL-I Datasheet HTML 71Page - STMicroelectronics SABRE-LL-I Datasheet HTML 72Page - STMicroelectronics SABRE-LL-I Datasheet HTML 73Page - STMicroelectronics SABRE-LL-I Datasheet HTML 74Page - STMicroelectronics SABRE-LL-I Datasheet HTML 75Page - STMicroelectronics SABRE-LL-I Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 141 page
background image
Power bridges
SABRE-LL-I
72/141
In pulse skipping control PWM the duty cycle must be decided by the user depending on
supply voltage and regulated voltage.
Therefore the switching regulator has 4 possible PWM duty cycles that can be changed
writing in the Aux3PWMTable[1:0] bits in the Aux3SwCfg1 register according to the
following table.
Adjustable duty cycles can be changed using a metal layer change in order to adapt it to
customer system. The only limitation is that ALL regulators share the same duty cycle bus,
so any modification must consider ALL regulators needed duty cycles.
AUX3 Control loop parameters specifications
The following table assumes that DC4_PLUS and DC4_MINUS pins are externally shorted
together.
Table 49.
Battery charger regulator controller PWM specification
Aux3PWMTable [1:0]
Typical duty cycle value
Comments
00
10%
01
13%
10
24%
Default state
11
61%
Table 50.
Battery charger operating specification
Parameter
Description
Test condition
Min
Typ
Max
Unit
VAUX_SW
Output pin voltage
range
(1)
-1
VSupply
V
IQ
Output leakage
current
Tjunction = 125°C
-100
+100
µA
IQlp
Output leakage
current in
“Low Power Mode”
VSupply = 36V
Tjunction = 125°C
-20
+20
µA
IQfb
GPIo feedback pin
current
Tjunction = 125°C
0V=Feedback=3V
-10
+10
µA
Vout
Output voltage range
VSupply = 36V
(2)
1.412
30
V
Iload
Output load current
VSupply = 36V
0.002
3
A
RonH
Internal high/low side
RDson
Tjunction = 125°C
Iload=1.5A
0.4
Ω
Vloop
Loop voltage
accuracy
±3%
VregR
Output voltage ripple
(RMS)
L = TBD, C =
TBD,ESR=TBD m
Ω(3)
TBD
mVRMS
VuvFall
Under voltage falling
threshold
(4)
84.5
87
89.5
%
VuvRise
Under voltage rising
threshold
(4)
90.5
93
95.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com