Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 39 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
SABRE-LL-I
Main switching regulator
39/141
12.2
Pulse skipping operation
Pulse skipping is a well known, non linear, control strategy used in switching regulators.
In this technique (see Figure 9) the feedback comparator output is sampled at the beginning
of each switching cycle. At this time, if the sampled value shows that output voltage is lower
than requested one, the complete PWM duty cycle is applied to power switch; otherwise no
PWM is applied and the switching cycle is skipped. Once PWM is applied to power element
only a current limit event can disable the power switch before the whole duty cycle is
finished.
Figure 9.
Main switching regulator functional blocks
In pulse skipping control the duty cycle must be chosen by the user depending on supply
voltage and output regulated voltage. Therefore the switching regulator has 4 possible duty
cycles that can be changed by writing the VmainSwSelPWM bits in the MainSwCfg register
according to following table.
Adjustable duty cycles can be changed by a metal layer change in order to adapt it to
customer system. The only limitation is that all regulators share the same duty cycle bus, so
any modification must consider all regulators duty cycles.
Table 19.
Main switching regulator PWM specification
MainSwCfg register
Duty cycle value
Comments
VmainSwSelPWM[1:0]
Typical
00
12%
01
15%
10
26%
Default state
11
63.5%
La
VSupply
C
High Side
Driver
Control
Logic
Current Sense
Charge pump Voltage
VSWmain_FB
Voltage
Loop Control
Regulator Ref
-
+
Under voltage
Threshold
Filter
Ra
Rb
From Central Logic
Regulator Freq
-
+
To Central Logic
Under voltage flag
VSWmain_SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com