Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 19 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 15Page - STMicroelectronics SABRE-LL-I Datasheet HTML 16Page - STMicroelectronics SABRE-LL-I Datasheet HTML 17Page - STMicroelectronics SABRE-LL-I Datasheet HTML 18Page - STMicroelectronics SABRE-LL-I Datasheet HTML 19Page - STMicroelectronics SABRE-LL-I Datasheet HTML 20Page - STMicroelectronics SABRE-LL-I Datasheet HTML 21Page - STMicroelectronics SABRE-LL-I Datasheet HTML 22Page - STMicroelectronics SABRE-LL-I Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 141 page
background image
SABRE-LL-I
Supervisory system
19/141
5
Supervisory system
5.1
Overview
The supervisory circuitry monitors the state of several functions inside S.A.B.Re and resets
the device (and other ICs if connected to nRESET pin) when the monitored functions are
outside their normal range. Supervisory circuitry can be divided into three main blocks:
–
Power on reset (POR) generation circuitry.
–
nRESET (nRST_int) generation circuitry.
–
Thermal shut down (TSD) generation circuitry.
POR circuitry monitors the voltages that S.A.B.Re needs to guarantee its own functionality;
nRESET circuitry controls if S.A.B.Re’s main voltages are inside their normal range; TSD is
the thermal shut down of the chip in case of overheating.
5.2
Power on reset (POR) circuit
Power on reset circuit monitors VSupply, and V3v3 voltages. The purpose of this circuit is to
set the device is in a stable and controlled status until the minimum supply voltages that
guarantee the device functionality are reached. The output signal of this circuit (in the
following indicated as “POR”) becomes active when VSupply or V3v3 go under their falling
threshold.
When POR output signal is active, all functions and all flags inside S.A.B.Re are set in their
reset state; once POR signal comes back from off state (meaning monitored voltages are
above their rising threshold), the power up sequence is re-initialized
.
5.3
nRESET generation circuit
The nRESET circuit monitors VSupply, VSupply_int, VPump, VGPIO_SPI and all system
regulators (VSystem) voltages. The purpose of this circuit is to prevent the device
functionality until the monitored voltages reach their operative value (please note that V3v3
Table 7.
Power on reset specifications
Parameter
Description
Test condition
Min
Typ
Max
Unit
VSupply_POR_valid VSupply voltage for POR valid
InRESET = 1mA
4
V
VSupply_POR_fall
VSupply POR
falling threshold
VSupply falling
6
9
V
tSupply_POR_filt
VSupply POR
filter Time
3µs
V3V3_POR_fall
V3v3 POR falling threshold
V3V3 falling
1.9
2.2
V
V3V3_POR_rise
V3v3 POR
rising threshold
V3V3 rising
2.7
V
V3V3_POR_hys
V3v3 POR hysteresis
0.5
V
t3V3_POR_filt
V3v3 PORfilter time
1.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com