Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 46 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I Datasheet HTML 44Page - STMicroelectronics SABRE-LL-I Datasheet HTML 45Page - STMicroelectronics SABRE-LL-I Datasheet HTML 46Page - STMicroelectronics SABRE-LL-I Datasheet HTML 47Page - STMicroelectronics SABRE-LL-I Datasheet HTML 48Page - STMicroelectronics SABRE-LL-I Datasheet HTML 49Page - STMicroelectronics SABRE-LL-I Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
Switching regulator controller
SABRE-LL-I
46/141
some constraints in the application and particularly by choosing the correct feedback
reference voltage as indicated in the following table:
Typical application can be considered the following, supposing the external mosfet type
STD12NF06L:
–
Max DC current load = 3A
–
Typ Over current threshold = 3A * 1.5 = 4.5A
–
L = 150 µH
–
C = 220-330 µF
In this conditions the step-down regulator will result over-load protected, short-circuit
protected over all the regulated voltage range and the VSupply range.
Other application configurations could be evaluated before being implemented.
Table 26.
Switching regulator controller application feedback reference
Output regulated voltage range
Feedback voltage reference
0.8V
≤ V
out < 5V
0.8V - 1V
5V
≤ V
out ≤ 32V
2.5V - 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com