Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 50 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 46Page - STMicroelectronics SABRE-LL-I Datasheet HTML 47Page - STMicroelectronics SABRE-LL-I Datasheet HTML 48Page - STMicroelectronics SABRE-LL-I Datasheet HTML 49Page - STMicroelectronics SABRE-LL-I Datasheet HTML 50Page - STMicroelectronics SABRE-LL-I Datasheet HTML 51Page - STMicroelectronics SABRE-LL-I Datasheet HTML 52Page - STMicroelectronics SABRE-LL-I Datasheet HTML 53Page - STMicroelectronics SABRE-LL-I Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 141 page
background image
Power bridges
SABRE-LL-I
50/141
14.2
Power bridges operating specifications
Table 29.
Power bridges operating specifications
Parameter
Description
Test condition
Min
Typ
Max Unit
RON_1_2
Bridge 1 and 2 diagonal Ron
I = 1.4A, VSupply = 36V,
Tjunction = 125°C
1.0
Ω
RON_3_4
Bridge 3 and 4 diagonal Ron
I = 1A, VSupply = 36V,
Tjunction = 125°C
1.5
Ω
IMax
Bridge 1 and 2 max operative
current
2.5
A
IMax
Bridge 3 and 4 max operative
current
1.5
A
Idss
Output leakage current.
Tjunction = 125°C
-50
+50
µA
IQlp
Output leakage current in
“Low Power Mode”
VSupply = 36V,
Tjunction = 125°C
-10
+10
µA
IprotL_1&2
Low side current protection
for bridges 1 & 2(1)
MtrXSideYILimSel[1:0]=00
MtrXSideYILimSel[1:0]=01
MtrXSideYILimSel[1:0]=10
MtrXSideYILimSel[1:0]=11(2)
0.6
1.4
2.4
2.4
1.6
2.6
3.6
3.6
A
IprotH_1&2
High side current protection
for bridges 1 & 2(1)
MtrXSideYILimSel[1:0]=00
MtrXSideYILimSel[1:0]=01
MtrXSideYILimSel[1:0]=10
MtrXSideYILimSel[1:0]=11(2)
0.7
1.5
2.5
2.5
1.7
2.7
3.7
3.7
A
Iprot_3
Low side current protection
for bridges 3 & 4(1)
MtrXSideYILimSel[1:0]=11(3)(4) 1.55
2.5
A
Iprot_4
High side current protection
for bridges 3 & 4(1)
MtrXSideYILimSel[1:0]=11(3)(4)
1.6
2.5
A
tfilter
Current limit
filter time
25
us
tdelay
Current limit
delay time
5us
toc_off
Over current off time
MtrXIlimitOffTimeY[1:0]=00
MtrXIlimitOffTimeY[1:0]=01
MtrXIlimitOffTimeY[1:0]=10
MtrXIlimitOffTimeY[1:0]=11(5)
60
120
240
480
ns
ns
ns
ns
tr1_2
Output rise time
bridges 1 &2
VSupply = 36V, Resistive load
between outputs:
R= 25 Ohm(6)
100
250
ns
tr3_4
Output rise time
bridges 3 & 4
VSupply = 36V, Resistive load
between outputs:
R= 36 Ohm(6)
50
200
ns
tf1_2
Output fall time
bridges 1 & 2
VSupply = 36V, Resistive load
between outputs:
R= 25 Ohm(6)
100
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com