Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 76 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 72Page - STMicroelectronics SABRE-LL-I Datasheet HTML 73Page - STMicroelectronics SABRE-LL-I Datasheet HTML 74Page - STMicroelectronics SABRE-LL-I Datasheet HTML 75Page - STMicroelectronics SABRE-LL-I Datasheet HTML 76Page - STMicroelectronics SABRE-LL-I Datasheet HTML 77Page - STMicroelectronics SABRE-LL-I Datasheet HTML 78Page - STMicroelectronics SABRE-LL-I Datasheet HTML 79Page - STMicroelectronics SABRE-LL-I Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 141 page
background image
AD converter
SABRE-LL-I
76/141
The sample time can be changed by modifying the A2DSampleX[2:0] bits in the
A2DConfigX register; depending on which is the A2DType bit, the available sample times
are reported in the following tables.
Table 52.
Channel addresses
A2DChannelX[4:0] (bin.)
Converted channel
Note
00000
VSupply scaled
See voltage divider specification.
00001
VSupplyInt scaled
See voltage divider specification.
00010
Vref_2_5V
00011
Temp Sensor1
Temperature sensor1
00100
Temp Sensor2
Temperature sensor2
00101
V3v3 scaled
See voltage divider specification.
0011X
Not used
01000
Not used
01001
GPIO[0]
01010
GPIO[1]
01011
GPIO[2]
01100
GPIO[3]
01101
GPIO[4]
01110
GPIO[5]
01111
GPIO[6]
10000
GPIO[7]
10001
GPIO[8] clamp
See current DAC circuit
10010
GPIO[9]
10011
GPIO[10]
10100
GPIO[11]
10101
GPIO[12]
10110
GPIO[13]
10111
GPIO[14]
11000
MuxRefOpAmp1
11001
MuxRefOpAmp2
11010
OutStripStepperPhA
11011
OutStripStepperPhB
11100
Not used
11101
ST reserved
References AUX1 switching reg.
11110
ST reserved
0.8V reference voltage
11111
ST reserved
1.65V reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com