Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 33 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 29Page - STMicroelectronics SABRE-LL-I Datasheet HTML 30Page - STMicroelectronics SABRE-LL-I Datasheet HTML 31Page - STMicroelectronics SABRE-LL-I Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 141 page
background image
SABRE-LL-I
Power saving modes
33/141
The StdByMode bit used to switch off V3v3 and switch on the power switch can be set to ‘1’
by writing the standby command in the StdByMode register. S.A.B.Re exits standby mode if
a reset event happens or “Low Power mode” is selected.
Because all internal low voltage circuitry powered by V3v3 are designed to work with a 3.3V
voltage rail, when the standby mode is used, VGPIOSpi is requested to be at 3.3V.
10.3
Hibernate mode
S.A.B.Re’s hibernate mode allows the firmware to switch off some (or all) selected System
Regulators leaving in on state only those necessary to resume S.A.B.Re to operative
condition when waked-up by an external signal.
Hibernate mode is selected when the firmware writes the command word in the
HibernateCmd register. When in hibernate mode S.A.B.Re will force regulators in the state
(on/off) selected by the firmware by writing in the HibernateCmd register and will force
nRESET pin low.
The exiting from hibernate mode is achieved by forcing at low level nAWAKE pin (or GPIO5
pin if S.A.B.Re is in Slave mode); S.A.B.Re will also exit from hibernate mode if an
undervoltage event happens on VSupply, VSupplyInt, VPump or V3v3.
When the exit from hibernate mode is due to an external command, S.A.B.Re sets to ‘1’ the
bit HibModeLth in the HibernateStatus register.
10.4
Low power mode
When in normal operating mode, the microcontroller can place S.A.B.Re in “Low Power
mode”.
In this condition S.A.B.Re sets all bridges outputs in high impedance, powers down all
regulators (including system regulators and charge pump) and disables almost all its circuits
including internal clock reducing as much as possible power consumption.
The only circuits that remain active are:
–V3V3 internal regulator.
–
nAWAKE pin current pull-up.
–
nRESET pin that will be pulled low.
–
POR circuit.
The entering in low power mode is obtained in different ways depending if S.A.B.Re is
configured as slave device or not. When S.A.B.Re is configured as slave device the low
power mode is directly controlled by nAWAKE pin that acts as an enable: if this pin is low for
a time longer then tAWAKEFILT, Low Power mode is entered; if this pin is high S.A.B.Re exits
from Low Power mode.
In all other start-up configurations, Low Power mode is entered by writing a Low Power
mode command in the PowerModeControl register; once S.A.B.Re is in Low Power mode it
starts checking the nAWAKE pin status: if it is found low for a time longer than tAWAKEFILT,
S.A.B.Re exits from Low Power mode and restarts its startup sequence. When the
nAWAKE pin is externally pulled low, the “AWAKE” event is stored and it is readable
through SPI. S.A.B.Re will also exit from Low Power mode if a POR event is found.
Note:
When in “Low power mode” VSupply is monitored only for its power on reset level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com