Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 47 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I Datasheet HTML 44Page - STMicroelectronics SABRE-LL-I Datasheet HTML 45Page - STMicroelectronics SABRE-LL-I Datasheet HTML 46Page - STMicroelectronics SABRE-LL-I Datasheet HTML 47Page - STMicroelectronics SABRE-LL-I Datasheet HTML 48Page - STMicroelectronics SABRE-LL-I Datasheet HTML 49Page - STMicroelectronics SABRE-LL-I Datasheet HTML 50Page - STMicroelectronics SABRE-LL-I Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 141 page
background image
SABRE-LL-I
Power bridges
47/141
14
Power bridges
14.1
Overview
S.A.B.Re includes four H bridge power outputs (each one made by two independent half
bridges) that are configurable in several different configurations.
Each half bridge is protected against: over-current, over-temperature and short circuit to
ground, to supply or across the load. When an over current event occurs, all outputs are
turned off (after a filter time), and the over current bit is stored in the internal status register
that can be read through SPI.
Positive and negative voltage spikes, which occur when switching inductive loads, are
limited by integrated freewheeling diodes (see Figure 12).
Figure 12.
H Bridge block diagram
During the start up procedure the bridges are in high impedance and after that they can be
enabled through SPI. When a fault condition happens, i.e. an over-temperature event, the
bridges return in their start-up condition and they need to be re-enabled from the micro
controller.
The bridges can use PWM signals internally generated or externally provided (supplied
through the GPIO pins). Internally generated PWM signals will run at approximately
31.25kHz with a duty cycle that, through serial interface, can be programmed and
incremented in steps of 1/(512*Fosc). To reduce the peak current requested from supply
voltage when all bridges are switching, the four internally generated PWM signals are out-
of-phase.
Each half bridge will use the PWM signal selected by the respective
MtrXSelPWMSideY[1:0] (X stands for 1, 2, 3 or 4; Y stands for A or B) bits in the SPI, but if
High side Driver
Low side Driver
Control Logic
High side Driver
Low side Driver
Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com