Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 14 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 10Page - STMicroelectronics SABRE-LL-I Datasheet HTML 11Page - STMicroelectronics SABRE-LL-I Datasheet HTML 12Page - STMicroelectronics SABRE-LL-I Datasheet HTML 13Page - STMicroelectronics SABRE-LL-I Datasheet HTML 14Page - STMicroelectronics SABRE-LL-I Datasheet HTML 15Page - STMicroelectronics SABRE-LL-I Datasheet HTML 16Page - STMicroelectronics SABRE-LL-I Datasheet HTML 17Page - STMicroelectronics SABRE-LL-I Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
S.A.B.Re’s main features
SABRE-LL-I
14/141
●
One linear regulator (VMAIN_LIN) that can be used to generate low current/low ripple
voltages. This regulator can be used to drive an external bipolar pass transistor to
generate high current/low ripple output voltages.
●
One bidirectional serial interface with address detection so that different ICs can share
the same data bus.
●
Integrated power sequencing and supervisory functions with fault signaling through
serial interface and external reset pin.
●
Fourteen general purpose I/Os that can be used to drive/read internal/external
analog/logic signals.
●
One 8-bit/9-bit A/D converter (100KS/sec @ 9-bit, 200KS/sec @8-bit). It can be used to
measure most of the internal signals, of the input pins and a voltage proportional to IC
temperature.
–
Current sink DAC:
–
Three output current ranges: up to 0.64/6.4/64 mA.
–
64 (6-bit programmable) available current levels for each range.
–
5V output tolerant.
●
Two operational amplifiers:
–
3.3V supply, rail to rail input compatibility, internally compensated.
–
They can have all pins externally accessible or can be internally configured as a
buffer o make internal reference voltages available outside of the chip.
–
Unity gain bandwidth > 1MHz.
–
They can also be set as comparators with 3.3V input compatibility and low offset.
●
Two 3.3V pass switches with 1
Ω RDSon and short circuit protected.
●
Programmable watchdog function.
●
Thermal shutdown protection with thermal warning capability.
●
Very low power dissipation in “Low Power mode” (~35mW)
●
S.A.B.Re is intended to maximize the use of its components, so when an internal circuit
is not used it could be employed for other applications. Bridge 3, for example, can be
used as a full bridge or to implement two switching regulators with synchronous
rectification: to obtain this flexibility S.A.B.Re includes 2 separate regulation loops for
these regulators; when the bridge is used as a motor driver, the 2 regulation loops can
be redirected on general purpose I/Os to leave the possibility to assembly a switching
regulator by only adding an external FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com